전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC24FV32KA301-I/SS 데이터시트(PDF) 61 Page - Microchip Technology

부품명 PIC24FV32KA301-I/SS
상세설명  20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
PDF  364 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FV32KA301-I/SS 데이터시트(HTML) 61 Page - Microchip Technology

Back Button PIC24FV32KA301-I/SS Datasheet HTML 57Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 58Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 59Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 60Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 61Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 62Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 63Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 64Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 364 page
background image
 2011-2013 Microchip Technology Inc.
DS39995D-page 61
PIC24FV32KA304 FAMILY
EXAMPLE 5-2:
ERASING A PROGRAM MEMORY ROW – ‘C’ LANGUAGE CODE
EXAMPLE 5-3:
LOADING THE WRITE BUFFERS – ASSEMBLY LANGUAGE CODE
// C example using MPLAB C30
int __attribute__ ((space(auto_psv))) progAddr = 0x1234; // Global variable located in Pgm Memory
unsigned int offset;
//Set up pointer to the first memory location to be written
TBLPAG = __builtin_tblpage(&progAddr);
// Initialize PM Page Boundary SFR
offset = __builtin_tbloffset(&progAddr);
// Initialize lower word of address
__builtin_tblwtl(offset, 0x0000);
// Set base address of erase block
// with dummy latch write
NVMCON = 0x4058;
// Initialize NVMCON
asm("DISI #5");
// Block all interrupts for next 5
// instructions
__builtin_write_NVM();
// C30 function to perform unlock
// sequence and set WR
; Set up NVMCON for row programming operations
MOV
#0x4004, W0
;
MOV
W0, NVMCON
; Initialize NVMCON
; Set up a pointer to the first program memory location to be written
; program memory selected, and writes enabled
MOV
#0x0000, W0
;
MOV
W0, TBLPAG
; Initialize PM Page Boundary SFR
MOV
#0x6000, W0
; An example program memory address
; Perform the TBLWT instructions to write the latches
; 0th_program_word
MOV
#LOW_WORD_0, W2
;
MOV
#HIGH_BYTE_0, W3
;
TBLWTL W2, [W0]
; Write PM low word into program latch
TBLWTH W3, [W0++]
; Write PM high byte into program latch
; 1st_program_word
MOV
#LOW_WORD_1, W2
;
MOV
#HIGH_BYTE_1, W3
;
TBLWTL W2, [W0]
; Write PM low word into program latch
TBLWTH W3, [W0++]
; Write PM high byte into program latch
;
2nd_program_word
MOV
#LOW_WORD_2, W2
;
MOV
#HIGH_BYTE_2, W3
;
TBLWTL W2, [W0]
; Write PM low word into program latch
TBLWTH W3, [W0++]
; Write PM high byte into program latch
•
•
•
; 32nd_program_word
MOV
#LOW_WORD_31, W2
;
MOV
#HIGH_BYTE_31, W3
;
TBLWTL W2, [W0]
; Write PM low word into program latch
TBLWTH W3, [W0]
; Write PM high byte into program latch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More