| 전자부품 데이터시트 검색엔진 |
|
PIC24FV32KA301-I/SS 데이터시트(PDF) 52 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24FV32KA301-I/SS 데이터시트(HTML) 52 Page - Microchip Technology |
|
52 / 364 page ![]() 2011-2013 Microchip Technology Inc. DS39995D-page 52 PIC24FV32KA304 FAMILY TABLE 4-27: PROGRAM SPACE ADDRESS CONSTRUCTION FIGURE 4-5: DATA ACCESS FROM PROGRAM SPACE ADDRESS GENERATION Access Type Access Space Program Space Address <23> <22:16> <15> <14:1> <0> Instruction Access (Code Execution) User 0 PC<22:1> 0 0xx xxxx xxxx xxxx xxxx xxx0 TBLRD/TBLWT (Byte/Word Read/Write) User TBLPAG<7:0> Data EA<15:0> 0xxx xxxx xxxx xxxx xxxx xxxx Configuration TBLPAG<7:0> Data EA<15:0> 1xxx xxxx xxxx xxxx xxxx xxxx Program Space Visibility (Block Remap/Read) User 0 PSVPAG<7:0>(2) Data EA<14:0>(1) 0 xxxx xxxx xxx xxxx xxxx xxxx Note 1: Data EA<15> is always ‘1’ in this case, but is not used in calculating the program space address. Bit 15 of the address is PSVPAG<0>. 2: PSVPAG can have only two values (‘00’ to access program memory and FF to access data EEPROM) in the PIC24FV32KA304 family. 0 Program Counter 23 Bits 1 PSVPAG 8 Bits EA 15 Bits Program Counter(1) Select TBLPAG 8 Bits EA 16 Bits Byte Select 0 0 1/0 User/Configuration Table Operations(2) Program Space Visibility(1) Space Select 24 Bits 23 Bits (Remapping) 1/0 0 Note 1: The LSb of program space addresses is always fixed as ‘0’ in order to maintain word alignment of data in the program and data spaces. 2: Table operations are not required to be word-aligned. Table read operations are permitted in the configuration memory space. |