| 전자부품 데이터시트 검색엔진 |
|
PIC24FV32KA302-I/ML 데이터시트(PDF) 61 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24FV32KA302-I/ML 데이터시트(HTML) 61 Page - Microchip Technology |
|
61 / 364 page ![]() 2011-2013 Microchip Technology Inc. DS39995D-page 61 PIC24FV32KA304 FAMILY EXAMPLE 5-2: ERASING A PROGRAM MEMORY ROW – ‘C’ LANGUAGE CODE EXAMPLE 5-3: LOADING THE WRITE BUFFERS – ASSEMBLY LANGUAGE CODE // C example using MPLAB C30 int __attribute__ ((space(auto_psv))) progAddr = 0x1234; // Global variable located in Pgm Memory unsigned int offset; //Set up pointer to the first memory location to be written TBLPAG = __builtin_tblpage(&progAddr); // Initialize PM Page Boundary SFR offset = __builtin_tbloffset(&progAddr); // Initialize lower word of address __builtin_tblwtl(offset, 0x0000); // Set base address of erase block // with dummy latch write NVMCON = 0x4058; // Initialize NVMCON asm("DISI #5"); // Block all interrupts for next 5 // instructions __builtin_write_NVM(); // C30 function to perform unlock // sequence and set WR ; Set up NVMCON for row programming operations MOV #0x4004, W0 ; MOV W0, NVMCON ; Initialize NVMCON ; Set up a pointer to the first program memory location to be written ; program memory selected, and writes enabled MOV #0x0000, W0 ; MOV W0, TBLPAG ; Initialize PM Page Boundary SFR MOV #0x6000, W0 ; An example program memory address ; Perform the TBLWT instructions to write the latches ; 0th_program_word MOV #LOW_WORD_0, W2 ; MOV #HIGH_BYTE_0, W3 ; TBLWTL W2, [W0] ; Write PM low word into program latch TBLWTH W3, [W0++] ; Write PM high byte into program latch ; 1st_program_word MOV #LOW_WORD_1, W2 ; MOV #HIGH_BYTE_1, W3 ; TBLWTL W2, [W0] ; Write PM low word into program latch TBLWTH W3, [W0++] ; Write PM high byte into program latch ; 2nd_program_word MOV #LOW_WORD_2, W2 ; MOV #HIGH_BYTE_2, W3 ; TBLWTL W2, [W0] ; Write PM low word into program latch TBLWTH W3, [W0++] ; Write PM high byte into program latch • • • ; 32nd_program_word MOV #LOW_WORD_31, W2 ; MOV #HIGH_BYTE_31, W3 ; TBLWTL W2, [W0] ; Write PM low word into program latch TBLWTH W3, [W0] ; Write PM high byte into program latch |