전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC24FV32KA302-I/ML 데이터시트(PDF) 19 Page - Microchip Technology

부품명 PIC24FV32KA302-I/ML
상세설명  20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
PDF  364 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FV32KA302-I/ML 데이터시트(HTML) 19 Page - Microchip Technology

Back Button PIC24FV32KA302-I/ML Datasheet HTML 15Page - Microchip Technology PIC24FV32KA302-I/ML Datasheet HTML 16Page - Microchip Technology PIC24FV32KA302-I/ML Datasheet HTML 17Page - Microchip Technology PIC24FV32KA302-I/ML Datasheet HTML 18Page - Microchip Technology PIC24FV32KA302-I/ML Datasheet HTML 19Page - Microchip Technology PIC24FV32KA302-I/ML Datasheet HTML 20Page - Microchip Technology PIC24FV32KA302-I/ML Datasheet HTML 21Page - Microchip Technology PIC24FV32KA302-I/ML Datasheet HTML 22Page - Microchip Technology PIC24FV32KA302-I/ML Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 364 page
background image
CTPLS
16
24
21
11
12
16
24
21
11
12
O
—
CTMU Pulse Output
HLVDIN
15
23
20
10
11
15
23
20
10
11
I
ST
High/Low-Voltage Detect Input
IC1
14
19
16
6
6
11
19
16
6
6
I
ST
Input Capture 1 Input
IC2
13
18
15
5
5
13
18
15
5
5
I
ST
Input Capture 2 Input
IC3
15
23
20
13
14
15
23
20
13
14
I
ST
Input Capture 3 Input
INT0
11
16
13
43
47
11
16
13
43
47
I
ST
Interrupt 0 Input
INT1
17
25
22
14
15
17
25
22
14
15
I
ST
Interrupt 1 Input
INT2
14
20
17
7
7
15
23
20
10
11
I
ST
Interrupt 2 Input
MCLR
1
1
26
18
19
1
1
26
18
19
I
ST
Master Clear (Device Reset) Input (active-low)
OC1
14
20
17
7
7
11
16
13
43
47
O
—
Output Compare/PWM1 Output
OC2
4
22
19
4
4
4
22
19
4
4
O
—
Output Compare/PWM2 Output
OC3
5
21
18
12
13
5
21
18
12
13
O
—
Output Compare/PWM3 Output
OCFA
17
25
22
14
15
17
25
22
14
15
O
—
Output Compare Fault A
OFCB
16
24
21
32
35
16
24
21
32
35
O
—
Output Compare Fault B
OSCI
7
9
6
30
33
7
9
6
30
33
I
ANA
Main Oscillator Input
OSCO
8
10
7
31
34
8
10
7
31
34
O
ANA
Main Oscillator Output
PGEC1
5
5
2
22
24
5
5
2
22
24
I/O
ST
ICSP™ Clock 1
PCED1
4
4
1
21
23
4
4
1
21
23
I/O
ST
ICSP Data 1
PGEC2
2
2219
1910
2
221919
10
I/O
ST
ICSP Clock 2
PGED2
3
21
18
8
9
3
21
18
8
9
I/O
ST
ICSP Data 2
PGEC3
10
15
12
42
46
10
15
12
42
46
I/O
ST
ICSP Clock 3
PGED3
9
14
11
41
45
9
14
11
41
45
I/O
ST
ICSP Data 3
TABLE 1-3:
PIC24FV32KA304 FAMILY PINOUT DESCRIPTIONS (CONTINUED)
Function
FFV
I/O
Buffer
Description
Pin Number
Pin Number
20-Pin
PDIP/
SSOP/
SOIC
28-Pin
SPDIP/
SSOP/
SOIC
28-Pin
QFN
44-Pin
QFN/
TQFP
48-Pin
UQFN
20-Pin
PDIP/
SSOP/
SOIC
28-Pin
SPDIP/
SSOP/
SOIC
28-Pin
QFN
44-Pin
QFN/
TQFP
48-Pin
UQFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More