전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC24FV32KA302-I/ML 데이터시트(PDF) 16 Page - Microchip Technology

부품명 PIC24FV32KA302-I/ML
상세설명  20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
PDF  364 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FV32KA302-I/ML 데이터시트(HTML) 16 Page - Microchip Technology

Back Button PIC24FV32KA302-I/ML Datasheet HTML 12Page - Microchip Technology PIC24FV32KA302-I/ML Datasheet HTML 13Page - Microchip Technology PIC24FV32KA302-I/ML Datasheet HTML 14Page - Microchip Technology PIC24FV32KA302-I/ML Datasheet HTML 15Page - Microchip Technology PIC24FV32KA302-I/ML Datasheet HTML 16Page - Microchip Technology PIC24FV32KA302-I/ML Datasheet HTML 17Page - Microchip Technology PIC24FV32KA302-I/ML Datasheet HTML 18Page - Microchip Technology PIC24FV32KA302-I/ML Datasheet HTML 19Page - Microchip Technology PIC24FV32KA302-I/ML Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 364 page
background image
TABLE 1-3:
PIC24FV32KA304 FAMILY PINOUT DESCRIPTIONS
Function
FFV
I/O
Buffer
Description
Pin Number
Pin Number
20-Pin
PDIP/
SSOP/
SOIC
28-Pin
SPDIP/
SSOP/
SOIC
28-Pin
QFN
44-Pin
QFN/
TQFP
48-Pin
UQFN
20-Pin
PDIP/
SSOP/
SOIC
28-Pin
SPDIP/
SSOP/
SOIC
28-Pin
QFN
44-Pin
QFN/
TQFP
48-Pin
UQFN
AN0
2
2
27
19
21
2
2
27
19
21
I
ANA
A/D Analog Inputs
AN1
3
328
20
223
328
20
22
I
ANA
AN2
4
4
1
21
23
4
4
1
21
23
I
ANA
AN3
5
5
2
22
24
5
5
2
22
24
I
ANA
AN4
6
6
3
23
25
6
6
3
23
25
I
ANA
AN5
—
7
4
24
26
—
7
4
24
26
I
ANA
AN6
—
—
—
25
27
—
—
—
25
27
I
ANA
AN7
—
—
—
26
28
—
—
—
26
28
I
ANA
AN8
—
—
—
27
29
—
—
—
27
29
I
ANA
AN9
18
26
23
15
16
18
26
23
15
16
I
ANA
AN10
17
25
22
14
15
17
25
22
14
15
I
ANA
AN11
16
24
21
11
12
16
24
21
11
12
I
ANA
AN12
15
23
20
10
11
15
23
20
10
11
I
ANA
AN13
7
9
6
30
33
7
9
6
30
33
I
ANA
AN14
8107
31
34810731
34
I
ANA
AN15
9
11
8
33
36
9
11
8
33
36
I
ANA
ASCL1
—
15
12
42
46
—
15
12
42
46
I/O
I2C™
Alternate I2C1 Clock Input/Output
ASDA1
—
14
11
41
45
—
14
11
41
45
I/O
I2C
Alternate I2C1 Data Input/Output
AVDD
20
28
25
17
18
20
28
25
17
18
I
ANA
A/D Supply Pins
AVSS
19
27
24
16
17
19
27
24
16
17
I
ANA
C1INA
8
7
4
24
26
8
7
4
24
26
I
ANA
Comparator 1 Input A (+)
C1INB
7
6
3
23
25
7
6
3
23
25
I
ANA
Comparator 1 Input B (-)
C1INC
5
5
2
22
24
5
5
2
22
24
I
ANA
Comparator 1 Input C (+)
C1IND
4
4
1
21
23
4
4
1
21
23
I
ANA
Comparator 1 Input D (-)
C1OUT
17
25
22
14
15
17
25
22
14
15
O
—
Comparator 1 Output
C2INA
5
5
2
22
24
5
5
2
22
24
I
ANA
Comparator 2 Input A (+)
C2INB
4
4
1
21
23
4
4
1
21
23
I
ANA
Comparator 2 Input B (-)
C2INC
8
7
4
24
26
8
7
4
24
26
I
ANA
Comparator 2 Input C (+)
C2IND
7
6
3
23
25
7
6
3
23
25
I
ANA
Comparator 2 Input D (-)
C2OUT
14
20
17
7
7
11
16
13
43
47
O
—
Comparator 2 Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More