전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM5017MRX_NOPB 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 LM5017MRX_NOPB
상세설명  600mA Constant On-Time Synchronous Buck Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM5017MRX_NOPB 데이터시트(HTML) 4 Page - Texas Instruments

  LM5017MRX_NOPB Datasheet HTML 1Page - Texas Instruments LM5017MRX_NOPB Datasheet HTML 2Page - Texas Instruments LM5017MRX_NOPB Datasheet HTML 3Page - Texas Instruments LM5017MRX_NOPB Datasheet HTML 4Page - Texas Instruments LM5017MRX_NOPB Datasheet HTML 5Page - Texas Instruments LM5017MRX_NOPB Datasheet HTML 6Page - Texas Instruments LM5017MRX_NOPB Datasheet HTML 7Page - Texas Instruments LM5017MRX_NOPB Datasheet HTML 8Page - Texas Instruments LM5017MRX_NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
LM5017
SNVS783D – JANUARY 2012 – REVISED MAY 2013
www.ti.com
Electrical Characteristics
Specifications with standard typeface are for TJ = 25°C, and those with boldface type apply over full Operating Junction
Temperature range. VIN = 48V, unless otherwise stated. See
(1).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VCC Supply
VCC Reg
VCC Regulator Output
VIN = 48V, ICC = 20mA
6.25
7.6
8.55
V
VCC Current Limit
VIN = 48V
(2)
26
mA
VCC Undervoltage Lockout Voltage
4.15
4.5
4.9
V
(VCC increasing)
VCC Undervoltage Hysteresis
300
mV
VCC Drop Out Voltage
VIN = 9V, ICC = 20mA
2.3
V
IIN Operating Current
Non-Switching, FB = 3V
1.75
mA
IIN Shutdown Current
UVLO = 0V
50
225
µA
Switch Characteristics
Buck Switch RDS(ON)
ITEST = 200mA, BST-SW =
0.8
1.8
7V
Synchronous RDS(ON)
ITEST = 200mA
0.45
1
Gate Drive UVLO
VBST − VSW Rising
2.4
3
3.6
V
Gate Drive UVLO Hysteresis
260
mV
Current Limit
Current Limit Threshold
0.7
1.02
1.3
A
Current Limit Response Time
Time to Switch Off
150
ns
OFF-Time Generator (Test 1)
FB = 0.1V, VIN = 48V
12
µs
OFF-Time Generator (Test 2)
FB = 1.0V, VIN = 48V
2.5
µs
On-Time Generator
TON Test 1
VIN = 32V, RON = 100k
270
350
460
ns
TON Test 2
VIN = 48V, RON = 100k
188
250
336
ns
TON Test 3
VIN = 75V, RON = 250k
250
370
500
ns
TON Test 4
VIN = 10V, RON = 250k
1880
3200
4425
ns
Minimum Off-Time
Minimum Off-Timer
FB = 0V
144
ns
Regulation and Overvoltage Comparators
FB Regulation Level
Internal Reference Trip Point
1.2
1.225
1.25
V
for Switch ON
FB Overvoltage Threshold
Trip Point for Switch OFF
1.62
V
FB Bias Current
60
nA
Undervoltage Sensing Function
UV Threshold
UV Rising
1.19
1.225
1.26
V
UV Hysteresis Input Current
UV = 2.5V
-10
-20
-29
µA
Remote Shutdown Threshold
Voltage at UVLO Falling
0.32
0.66
V
Remote Shutdown Hysteresis
110
mV
Thermal Shutdown
Tsd
Thermal Shutdown Temperature
165
°C
Thermal Shutdown Hysteresis
20
°C
(1)
All limits are specified by design. All electrical characteristics having room temperature limits are tested during production at TA = 25°C.
All hot and cold limits are specified by correlating the electrical characteristics to process and temperature variations and applying
statistical process control.
(2)
VCC provides self bias for the internal gate drive and control circuits. Device thermal limitations limit external loading.
4
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LM5017



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19