전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM5017MRX_NOPB 데이터시트(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
부품명 LM5017MRX_NOPB
상세설명  600mA Constant On-Time Synchronous Buck Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM5017MRX_NOPB 데이터시트(HTML) 10 Page - Texas Instruments

Back Button LM5017MRX_NOPB Datasheet HTML 6Page - Texas Instruments LM5017MRX_NOPB Datasheet HTML 7Page - Texas Instruments LM5017MRX_NOPB Datasheet HTML 8Page - Texas Instruments LM5017MRX_NOPB Datasheet HTML 9Page - Texas Instruments LM5017MRX_NOPB Datasheet HTML 10Page - Texas Instruments LM5017MRX_NOPB Datasheet HTML 11Page - Texas Instruments LM5017MRX_NOPB Datasheet HTML 12Page - Texas Instruments LM5017MRX_NOPB Datasheet HTML 13Page - Texas Instruments LM5017MRX_NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
+
VIN
UVLO
VIN
RUV1
CIN
RUV2
2
3
LM5017
LM5017
SNVS783D – JANUARY 2012 – REVISED MAY 2013
www.ti.com
N-Channel Buck Switch and Driver
The LM5017 integrates an N-Channel Buck switch and associated floating high voltage gate driver. The gate
driver circuit works in conjunction with an external bootstrap capacitor and an internal high voltage diode. A
0.01uF ceramic capacitor connected between the BST pin and the SW pin provides the voltage to the driver
during the on-time. During each off-time, the SW pin is at approximately 0V, and the bootstrap capacitor charges
from VCC through the internal diode. The minimum off-timer, set to 144ns , ensures a minimum time each cycle to
recharge the bootstrap capacitor.
Synchronous Rectifier
The LM5017 provides an internal synchronous N-Channel MOSFET rectifier. This MOSFET provides a path for
the inductor current to flow when the high-side MOSFET is turned off.
The synchronous rectifier has no diode emulation mode, and is designed to keep the regulator in continuous
conduction mode even during light loads which would otherwise result in discontinuous operation.
Undervoltage Detector
The LM5017 contains a dual level undervoltage lockout (UVLO) circuit. When the UVLO pin voltage is below
0.66V, the controller is in a low current shutdown mode. When the UVLO pin voltage is greater than 0.66V but
less than 1.225V, the controller is in standby mode. In standby mode the VCC bias regulator is active while the
regulator output is disabled. When the VCC pin exceeds the VCC undervoltage threshold and the UVLO pin
voltage is greater than 1.225V, normal operation begins. An external set-point voltage divider from VIN to GND
can be used to set the minimum operating voltage of the regulator.
UVLO hysteresis is accomplished with an internal 20
μA current source that is switched on or off into the
impedance of the set-point divider. When the UVLO threshold is exceeded, the current source is activated to
quickly raise the voltage at the UVLO pin. The hysteresis is equal to the value of this current times the resistance
RUV2.
UVLO
VCC
Mode
Description
<0.66V
Shutdown
VCC regulator disabled.
Switcher disabled.
0.66V – 1.225V
Standby
VCC regulator enabled
Switcher disabled.
>1.225V
VCC <4.5V
Standby
VCC regulator enabled.
Switcher disabled.
VCC >4.5V
Operating
VCC enabled.
Switcher enabled.
If the UVLO pin is wired directly to the VIN pin, the regulator will begin operation once the VCC undervoltage is
satisfied.
Figure 14. UVLO Resistor Setting
10
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LM5017



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com