전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UPD78P083CU 데이터시트(PDF) 39 Page - Renesas Technology Corp

부품명 UPD78P083CU
상세설명  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78P083CU 데이터시트(HTML) 39 Page - Renesas Technology Corp

Back Button UPD78P083CU Datasheet HTML 35Page - Renesas Technology Corp UPD78P083CU Datasheet HTML 36Page - Renesas Technology Corp UPD78P083CU Datasheet HTML 37Page - Renesas Technology Corp UPD78P083CU Datasheet HTML 38Page - Renesas Technology Corp UPD78P083CU Datasheet HTML 39Page - Renesas Technology Corp UPD78P083CU Datasheet HTML 40Page - Renesas Technology Corp UPD78P083CU Datasheet HTML 41Page - Renesas Technology Corp UPD78P083CU Datasheet HTML 42Page - Renesas Technology Corp UPD78P083CU Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
37
µPD78P083
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Data retention supply voltage
VDDDR
1.8
5.5
V
Data retention supply current
IDDDR
VDDDR = 1.8 V
0.1
10
µA
Release signal set time
tSREL
0
µs
Oscillation stabilization wait
tWAIT
Release by RESET
217/fx
ms
time
Release by interrupt
Note
ms
Data Memory STOP Mode Low Supply Voltage Data Retention Characteristics (TA = –40 to +85
°C)
Note 212/fxx or 214/fxx-217/fxx can be selected by bit 0-bit 2 (OSTS0-OSTS2) of oscillation stabilization time selection register
(OSTS).
Remark
fxx: Main system clock frequency (fx or fx/2)
fx: Main system clock oscillation frequency
Data Retention Timing (STOP mode released by RESET)
Data Retention Timing (Standby release signal: STOP mode released by interrupt signal)
STOP instruction execution
VDD
VDDDR
Operating
mode
HALT mode
STOP mode
Data retention mode
tWAIT
RESET
tSREL
Internal reset operation
STOP instruction execution
VDD
VDDDR
Standby release signal
(interrupt request)
Operating
mode
HALT mode
STOP mode
Data retention mode
tWAIT
tSREL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com