전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UPD78P083CU 데이터시트(PDF) 21 Page - Renesas Technology Corp

부품명 UPD78P083CU
상세설명  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78P083CU 데이터시트(HTML) 21 Page - Renesas Technology Corp

Back Button UPD78P083CU Datasheet HTML 17Page - Renesas Technology Corp UPD78P083CU Datasheet HTML 18Page - Renesas Technology Corp UPD78P083CU Datasheet HTML 19Page - Renesas Technology Corp UPD78P083CU Datasheet HTML 20Page - Renesas Technology Corp UPD78P083CU Datasheet HTML 21Page - Renesas Technology Corp UPD78P083CU Datasheet HTML 22Page - Renesas Technology Corp UPD78P083CU Datasheet HTML 23Page - Renesas Technology Corp UPD78P083CU Datasheet HTML 24Page - Renesas Technology Corp UPD78P083CU Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
19
µPD78P083
Pin
RESET
VPP
VDD
CE
OE
PGM
D0 to D7
Operating Mode
Page data latch
L
+12.5 V
+6.5 V
H
L
H
Data input
Page write
H
H
L
High-impedance
Byte write
L
H
L
Data input
Program verify
L
L
H
Data output
Program inhibit
x
H
H
High-impedance
xL
L
Read
+5 V
+5 V
L
L
H
Data output
Output disable
L
H
x
High-impedance
Standby
H
x
x
High-impedance
x : L or H
4.
PROM PROGRAMMING
The
µPD78P083 has an internal 24-Kbyte PROM as a program memory. For programming, set the PROM programming
mode with the VPP and RESET pins. For the connection of unused pins, refer to “PIN CONFIGURATIONS (TOP VIEW)
(2) PROM programming mode.”
Caution
Programs must be written in addresses 0000H to 5FFFH (The last address 5FFFH must be specified).
They cannot be written by a PROM programmer which cannot specify the write address.
4.1
Operating Modes
When +5 V or +12.5 V is applied to the VPP pin and a low-level signal is applied to the RESET pin, the PROM programming
mode is set. This mode will become the operating mode as shown in Table 4-1 when the CE, OE, and PGM pins are set
as shown.
Further, when the read mode is set, it is possible to read the contents of the PROM.
Table 4-1. Operating Modes of PROM Programming



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com