전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UPD78P083CU 데이터시트(PDF) 32 Page - Renesas Technology Corp

부품명 UPD78P083CU
상세설명  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78P083CU 데이터시트(HTML) 32 Page - Renesas Technology Corp

Back Button UPD78P083CU Datasheet HTML 28Page - Renesas Technology Corp UPD78P083CU Datasheet HTML 29Page - Renesas Technology Corp UPD78P083CU Datasheet HTML 30Page - Renesas Technology Corp UPD78P083CU Datasheet HTML 31Page - Renesas Technology Corp UPD78P083CU Datasheet HTML 32Page - Renesas Technology Corp UPD78P083CU Datasheet HTML 33Page - Renesas Technology Corp UPD78P083CU Datasheet HTML 34Page - Renesas Technology Corp UPD78P083CU Datasheet HTML 35Page - Renesas Technology Corp UPD78P083CU Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 58 page
background image
30
µPD78P083
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Supply current Note 1
IDD1
5.0-MHz crystal
VDD = 5.0 V
± 10% Note 4
5.4
16.2
mA
oscillation operating
VDD = 3.0 V
± 10% Note 5
0.8
2.4
mA
mode (fXX = 2.5 MHz) Note 2
VDD = 2.0 V
± 10% Note 5
0.45
1.35
mA
5.0-MHz crystal oscil-
VDD = 5.0 V
± 10% Note 4
9.5
28.5
mA
lation operating mode
VDD = 3.0 V
± 10% Note 5
1.0
3.0
mA
(fXX = 5.0 MHz) Note 3
IDD2
5.0-MHz crystal oscil-
VDD = 5.0 V
± 10%
1.4
4.2
mA
lation HALT mode
VDD = 3.0 V
± 10%
0.5
1.5
mA
(fXX = 2.5 MHz) Note 2
VDD = 2.0 V
± 10%
280
840
µA
5.0-MHz crystal oscil-
VDD = 5.0 V
± 10%
1.6
4.8
mA
lation HALT mode
VDD = 3.0 V
± 10%
0.65
1.95
mA
(fXX = 5.0 MHz) Note 3
IDD3
STOP mode
VDD = 5.0 V
± 10%
0.1
30
µA
VDD = 3.0 V
± 10%
0.05
10
µA
VDD = 2.0 V
± 10%
0.05
10
µA
DC Characteristics (TA = –40 to +85
°C, VDD = 1.8 to 5.5 V)
Notes 1. Not including AVREF, AVDD currents or port currents (including current flowing into internal pull-up resistors).
2. fXX = fX/2 operation (when oscillation mode selection register (OSMS) is set to 00H).
3. fXX = fX operation (when oscillation mode selection register (OSMS) is set to 01H).
4. High-speed mode operation (when processor clock control register (PCC) is set to 00H).
5. Low-speed mode operation (when processor clock control register (PCC) is set to 04H).
Remark
fxx: Main system clock frequency (fx or fx/2)
fx: Main system clock oscillation frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com