전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UPD78P083CU 데이터시트(PDF) 49 Page - Renesas Technology Corp

부품명 UPD78P083CU
상세설명  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78P083CU 데이터시트(HTML) 49 Page - Renesas Technology Corp

Back Button UPD78P083CU Datasheet HTML 45Page - Renesas Technology Corp UPD78P083CU Datasheet HTML 46Page - Renesas Technology Corp UPD78P083CU Datasheet HTML 47Page - Renesas Technology Corp UPD78P083CU Datasheet HTML 48Page - Renesas Technology Corp UPD78P083CU Datasheet HTML 49Page - Renesas Technology Corp UPD78P083CU Datasheet HTML 50Page - Renesas Technology Corp UPD78P083CU Datasheet HTML 51Page - Renesas Technology Corp UPD78P083CU Datasheet HTML 52Page - Renesas Technology Corp UPD78P083CU Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 58 page
background image
47
µPD78P083
µPD78P083GB-3BS-MTX
44 PIN PLASTIC QFP ( 10)
S44GB-80-3BS
ITEM
MILLIMETERS
INCHES
N
P
Q
0.125±0.075
0.10
2.7
0.004
0.106
0.005±0.003
NOTE
Each lead centerline is located within 0.16 mm (0.007 inch) of
its true position (T.P.) at maximum material condition.
J
I
H
N
A
13.2±0.2
0.520+0.008
–0.009
B
10.0±0.2
0.394+0.008
–0.009
C
10.0±0.2
0.394+0.008
–0.009
D
13.2±0.2
0.520+0.008
–0.009
F
G
H
1.0
0.37
1.0
0.039
0.039
0.015+0.003
–0.004
I
J
K
0.8 (T.P.)
1.6±0.2
0.16
0.007
0.031 (T.P.)
0.063±0.008
L
0.8±0.2
0.031 +0.009
–0.008
M
0.17
0.007 +0.002
–0.003
S
3.0 MAX.
0.119 MAX.
R3
°
3
°+7°
–3
°
+0.08
–0.07
+0.06
–0.05
+7
°
–3
°
detail of lead end
Q
F
G
K
M
L
R
M
33
34
22
44
1
12
11
23
S
P
CD
A
B
Remark The shape and material of ES versions are the same as those of mass-produced versions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com