| 전자부품 데이터시트 검색엔진 |
|
ST7FLITE25F2B6 데이터시트(PDF) 51 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7FLITE25F2B6 데이터시트(HTML) 51 Page - STMicroelectronics |
|
51 / 166 page ![]() ST7LITE20F2 ST7LITE25F2 ST7LITE29F2 Interrupts Doc ID 8349 Rev 5 51/166 ● Bits 1:0 = ei0[1:0] ei0 pin selection These bits are written by software. They select the Port A I/O pin used for the ei0 external interrupt according to the table below. Table 16. External interrupt I/O pin selection ei11 ei10 I/O pin 00 PA4 01 PA5 10 PA6 11 PA7(1) 1. Reset state Table 17. External interrupt I/O pin selection ei01 ei00 I/O pin 00 PA0 (1) 1. Reset state 01 PA1 10 PA2 11 PA3 |