전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

JS28F256P33BFE 데이터시트(PDF) 6 Page - Micron Technology

부품명 JS28F256P33BFE
상세설명  NumonyxTM StrataFlash Embedded Memory
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICRON [Micron Technology]
홈페이지  http://www.micron.com
Logo MICRON - Micron Technology

JS28F256P33BFE 데이터시트(HTML) 6 Page - Micron Technology

Back Button JS28F256P33BFE Datasheet HTML 2Page - Micron Technology JS28F256P33BFE Datasheet HTML 3Page - Micron Technology JS28F256P33BFE Datasheet HTML 4Page - Micron Technology JS28F256P33BFE Datasheet HTML 5Page - Micron Technology JS28F256P33BFE Datasheet HTML 6Page - Micron Technology JS28F256P33BFE Datasheet HTML 7Page - Micron Technology JS28F256P33BFE Datasheet HTML 8Page - Micron Technology JS28F256P33BFE Datasheet HTML 9Page - Micron Technology JS28F256P33BFE Datasheet HTML 10Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 90 page
background image
P33-65nm
Datasheet
Aug 2009
6
Order Number: 320003-08
1.3
Virtual Chip Enable Description
The 512 Mbit P33 Family Flash memory employs a Virtual Chip Enable which combines
two 256-Mbit die with a common chip enable, CE# for Easy BGA packages. Address
A25 is then used to select between the die pair with CE# asserted, depending upon the
package option used. When chip enable is asserted and A25 is low (VIL), The lower
parameter die is selected; when chip enable is asserted and A25 is high (VIH), the
upper parameter die is selected.
Table 1:
Flash Die Virtual Chip Enable Truth Table for 512 Mbit Easy BGA Package
Die Selected
CE#
A25
Lower Param Die
L
L
Upper Param Die
L
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90