전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LIS3DSH 데이터시트(PDF) 40 Page - STMicroelectronics

부품명 LIS3DSH
상세설명  MEMS digital output motion sensor ultra low-power high performance three-axis ?쐍ano??accelerometer
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3DSH 데이터시트(HTML) 40 Page - STMicroelectronics

Back Button LIS3DSH Datasheet HTML 36Page - STMicroelectronics LIS3DSH Datasheet HTML 37Page - STMicroelectronics LIS3DSH Datasheet HTML 38Page - STMicroelectronics LIS3DSH Datasheet HTML 39Page - STMicroelectronics LIS3DSH Datasheet HTML 40Page - STMicroelectronics LIS3DSH Datasheet HTML 41Page - STMicroelectronics LIS3DSH Datasheet HTML 42Page - STMicroelectronics LIS3DSH Datasheet HTML 43Page - STMicroelectronics LIS3DSH Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 53 page
background image
Register description
LIS3DSH
40/53
Doc ID 022405 Rev 1
8.26
FIFO_CTRL (2Eh)
FIFO control register.
FMODE2:FMODE0 = FIFO Mode Selection.
WTMP4:WTMP0 = FIFO Watermark pointer; FIFO deep if the Watermark is enabled.
The FIFO trigger is the INT2 source.
8.27
FIFO_SRC (2Fh)
FIFO SRC control register.
Table 55.
FIFO control register
FMODE2
FMODE1
FMODE0
WTMP4
WTMP3
WTMP2
WTMP1
WTMP4
Table 56.
FIFO mode selection
FMODE2
FMODE1
FMODE0
Mode
0
0
0
Bypass Mode. FIFO turned off
0
0
1
FIFO Mode. Stop collecting data
when FIFO is full.
0
1
0
Stream Mode. If the FIFO is full
the new sample overwrites the
older one
0
1
1
Stream mode until trigger is de-
asserted, then FIFO mode
1
0
0
Bypass mode until trigger is de-
asserted, then Stream mode
10
1Not Used
11
0Not Used.
1
1
1
Bypass mode until trigger is de-
asserted, then FIFO mode
Table 57.
FIFO_SRC register
WTM
OVRN_
FIFO
EMPTY
FSS4
FSS3
FSS2
FSS1
FSS0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53