전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STB50N25M5 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 STB50N25M5
상세설명  N-channel 250 V, 0.065 Ω, 28 A, MDmesh V Power MOSFET in DPAK package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB50N25M5 데이터시트(HTML) 3 Page - STMicroelectronics

  STB50N25M5 Datasheet HTML 1Page - STMicroelectronics STB50N25M5 Datasheet HTML 2Page - STMicroelectronics STB50N25M5 Datasheet HTML 3Page - STMicroelectronics STB50N25M5 Datasheet HTML 4Page - STMicroelectronics STB50N25M5 Datasheet HTML 5Page - STMicroelectronics STB50N25M5 Datasheet HTML 6Page - STMicroelectronics STB50N25M5 Datasheet HTML 7Page - STMicroelectronics STB50N25M5 Datasheet HTML 8Page - STMicroelectronics STB50N25M5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
STB50N25M5
Electrical ratings
Doc ID 15923 Rev 3
3/14
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VGS
Gate- source voltage
±25
V
ID
Drain current (continuous) at TC = 25 °C
28
A
ID
Drain current (continuous) at TC = 100 °C
18
A
IDM
(1)
1.
Pulse width limited by safe operating area
Drain current (pulsed)
112
A
PTOT
Total dissipation at TC = 25 °C
110
W
IAR
Avalanche current, repetitive or not-repetitive
(pulse width limited by TJ max)
9A
EAS
Single pulse avalanche energy
(starting TJ = 25 °C, ID = IAR, VDD = 50 V)
350
mJ
dv/dt(2)
2.
ISD ≤ 28 A, di/dt ≤ 400 A/µs, VPeak < V(BR)DSS
Peak diode recovery voltage slope
15
V/ns
TJ
Tstg
Operating junction temperature
Storage temperature
-55 to 150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
Rthj-case Thermal resistance junction-case max
0.31
°C/W
Rthj-pcb
Thermal resistance junction-pcb max
30
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com