전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KA2822D 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 KA2822D
상세설명  3-Phase BLDC Motor Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA2822D 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  KA2822D Datasheet HTML 1Page - Fairchild Semiconductor KA2822D Datasheet HTML 2Page - Fairchild Semiconductor KA2822D Datasheet HTML 3Page - Fairchild Semiconductor KA2822D Datasheet HTML 4Page - Fairchild Semiconductor KA2822D Datasheet HTML 5Page - Fairchild Semiconductor KA2822D Datasheet HTML 6Page - Fairchild Semiconductor KA2822D Datasheet HTML 7Page - Fairchild Semiconductor KA2822D Datasheet HTML 8Page - Fairchild Semiconductor KA2822D Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
KA2822D
4
Internal Block Diagram
23
22
21
15
6
3
12
20
8
11
14
13
5
4
9
10
1
28
7
27
2
25
24
18
19
16
17
26
+
+
+
+
+
U_AMP
V_AMP
U_OUT
V_OUT
W_OUT
TSD
Output
Control
Hall
Zero-cross
Start-up
AGC
CE
1.3V
FG_AMP
2.2V
FG
Zero-cross
Timing
Detectpr
Burst_time
Circuit
Pulse_width
Adjustment
OSC
Rpm_select
11_divider
Speed
Control
Charge
Pump
BUF_AMP
CON_AMP
0.24V
0.69V
U INPUT (+)
U INPUT(
−)
AGC
V INPUT (+)
V INPUT(
−)
HALL BIAS
CE
FG INPUT(+)
FG INPUT(
−)
FG OUTPUT
FG ZERO
VOLTAGE REG.
INDEX BURST
OSC INPUT
CROSS
VCC
CURRENT
DETECTION2
CURRENT
DETECTION1
U PHASE
OUTPUT
U PHASE
W PHASE
PHASE
INDEX
INDEX PULSE
CHARGE
PUMP
OUTPUT
WIDTH
OUTPUT
COMPENSATION
OUTPUT
OUTPUT
NC
RPM
SIGNAL
NC
FIN
SELECT
GROUND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com