전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KA2822D 데이터시트(PDF) 13 Page - Fairchild Semiconductor

부품명 KA2822D
상세설명  3-Phase BLDC Motor Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA2822D 데이터시트(HTML) 13 Page - Fairchild Semiconductor

Back Button KA2822D Datasheet HTML 7Page - Fairchild Semiconductor KA2822D Datasheet HTML 8Page - Fairchild Semiconductor KA2822D Datasheet HTML 9Page - Fairchild Semiconductor KA2822D Datasheet HTML 10Page - Fairchild Semiconductor KA2822D Datasheet HTML 11Page - Fairchild Semiconductor KA2822D Datasheet HTML 12Page - Fairchild Semiconductor KA2822D Datasheet HTML 13Page - Fairchild Semiconductor KA2822D Datasheet HTML 14Page - Fairchild Semiconductor KA2822D Datasheet HTML 15Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
KA2822D
13
Typical Application Circuits
+5V
220nF
1
100
100nF
1
SW1
DISK_IN
W_P
H_D
LED
CE
1MHz
RPM_SEL
INDEX
SW2
HU
HV
47nF
56k
VR
47k
47nF
47nF
100nF
10nF
100nF
330k
1.8M
+5V
10k
19
18
24
25
27
2
7
28
1
9
4
5
13 11
8
23
22
21
15
6
3
12
16
17
26
KA2822D
U INPUT(+)
U INPUT(
−)
U INPUT(+)
U INPUT(
−)
HALL BIAS
AGC
CE
FG_INPUT(+)
FG_INPUT(-)
FG ZERO CROSS
VOLTAGE REGULATOR
INDEX BURST
CHARGE PUMP OUTPUT
OSC INPUT
INDEX OUTPUT
PHASE COMPENSATION
U
V
W
W PHASE OUTPUT
V PHASE OUTPUT
U PHASE OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com