전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KA2822D 데이터시트(PDF) 8 Page - Fairchild Semiconductor

부품명 KA2822D
상세설명  3-Phase BLDC Motor Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA2822D 데이터시트(HTML) 8 Page - Fairchild Semiconductor

Back Button KA2822D Datasheet HTML 4Page - Fairchild Semiconductor KA2822D Datasheet HTML 5Page - Fairchild Semiconductor KA2822D Datasheet HTML 6Page - Fairchild Semiconductor KA2822D Datasheet HTML 7Page - Fairchild Semiconductor KA2822D Datasheet HTML 8Page - Fairchild Semiconductor KA2822D Datasheet HTML 9Page - Fairchild Semiconductor KA2822D Datasheet HTML 10Page - Fairchild Semiconductor KA2822D Datasheet HTML 11Page - Fairchild Semiconductor KA2822D Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
KA2822D
8
Absolute Maximum Rating (Ta=25
°C)
Power Dissipation Curve
Power dissipation decreases in the rate of 13.5mV /
°C when mounted on 50mm × 50mm × 1mm PCB (Phenolic resin mate-
rial) and used above Ta=25
°C.
Recommended Operating Conditions (Ta=25
°C)
Temperature Characteristic
NOTE:
Reference value
Parameter
Symbol
Value
Unit
Maximum power supply voltageVCCMAX
7.0
V
Maximum input voltageVINMAX
0 ~ VCC
V
Maximum output current
IOMAX
1A
Normal output current
IO
0.7
A
Power dissipation
PD
1.5
W
Operating temperature
TA
0 ~ 75
°C
Junction temperture
TJ
150
°C
Storage temperature
TSTG
−55 ~ +125
°C
Parameter
Symbol
Min.
Typ.
Max
Unit
Supply voltageVCC1, VCC2
10.8
12.0
13.2
V
Supply voltage in logic part
VCC3
4.5
5.0
5.5
V
Ambient operating temperature rangeTa
0
-
+70
°C
Parameter
Symbol
Min.
Typ.
Max
Unit
Thermal shutdown temperature note
TSD
125
150
-
°C
0
0
25
50
75
100
125
Ambient temperature, Ta [
°C]
150
175
0.5
1.0
1.5
2.0
Power
Dissipation
: PD[W]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com