전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KA2822D 데이터시트(PDF) 11 Page - Fairchild Semiconductor

부품명 KA2822D
상세설명  3-Phase BLDC Motor Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA2822D 데이터시트(HTML) 11 Page - Fairchild Semiconductor

Back Button KA2822D Datasheet HTML 7Page - Fairchild Semiconductor KA2822D Datasheet HTML 8Page - Fairchild Semiconductor KA2822D Datasheet HTML 9Page - Fairchild Semiconductor KA2822D Datasheet HTML 10Page - Fairchild Semiconductor KA2822D Datasheet HTML 11Page - Fairchild Semiconductor KA2822D Datasheet HTML 12Page - Fairchild Semiconductor KA2822D Datasheet HTML 13Page - Fairchild Semiconductor KA2822D Datasheet HTML 14Page - Fairchild Semiconductor KA2822D Datasheet HTML 15Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
KA2822D
11
Application Information
1. CHIP ENABLE
This function turns on or off all blocks by low or high signal.
2. U, V AND W PHASE OUTPUT AMP
These ampilifiers drives three output phases - U, V, and W which have 120(degree) phase differences with each other. The
three phase waveforms are made with the two hall sensor signals by synthesizing the third phase signal.
3. SPEED CONTROL PART
This function compares the real motor rotation frequency with the 300 or 360Hz pulse divided from 1MHz clock pulse for
removing speed error when motor is on and speed error is detected by PLL.
The speed error sent to charge pump part which repeats charge and discharge controls the output current of the output amp to
keep a stable rotation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com