| 전자부품 데이터시트 검색엔진 |
|
CS3102A18-3SW 데이터시트(PDF) 32 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
CS3102A18-3SW 데이터시트(HTML) 32 Page - Amphenol Corporation |
|
32 / 73 page ![]() 31 A B C D E F G H front face of pin insert or rear face of socket insert illustrated MS/Standard contact arrangements Insert Arrangement 22-24 22-27 22-28 22-33 22-36 Service Rating C, D, E = D; A, B, F = A J = D; Bal. = A A A, B, C, D = D; E, F, G = A H = D; Bal. = A* Number of Contacts 2 4 1 8 7 7 8 Contact Size 12 16 8 16 12 16 12 Insert Arrangement 22-34 24-2 24-3 24-5 24-6 Service Rating D D D A A, G, H = D; Bal. = A Number of Contacts 3 2 7 2 5 16 8 Contact Size 12 16 12 12 16 16 12 Insert Arrangement 24-7 24-9 24-10 24-11 24-12 Service Rating A A A A A Number of Contacts 2 14 2 7 3 6 2 3 Contact Size 12 16 4 8 8 12 4 12 CONTACT LEGEND 16 12 8 4 0 A B C D E F A B C D E F G H J A B C E F G D A B C E F G D A B C D E A B C D E F G A B C E F G D AB C DE F G H JK L M N P S R A B C D E F G H A B C D E F G H J K L M N P I O A B A B C D E F G AB C DE F G H I A B C D E * A, C, E, G = Iron B, D, F, H = Constantan |