전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS3102A18-3SW 데이터시트(PDF) 67 Page - Amphenol Corporation

부품명 CS3102A18-3SW
상세설명  Amphenol MIL-DTL-5015 and MIL-5015
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMPHENOL [Amphenol Corporation]
홈페이지  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CS3102A18-3SW 데이터시트(HTML) 67 Page - Amphenol Corporation

Back Button CS3102A18-3SW Datasheet HTML 63Page - Amphenol Corporation CS3102A18-3SW Datasheet HTML 64Page - Amphenol Corporation CS3102A18-3SW Datasheet HTML 65Page - Amphenol Corporation CS3102A18-3SW Datasheet HTML 66Page - Amphenol Corporation CS3102A18-3SW Datasheet HTML 67Page - Amphenol Corporation CS3102A18-3SW Datasheet HTML 68Page - Amphenol Corporation CS3102A18-3SW Datasheet HTML 69Page - Amphenol Corporation CS3102A18-3SW Datasheet HTML 70Page - Amphenol Corporation CS3102A18-3SW Datasheet HTML 71Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 73 page
background image
66
The Amphenol® plain flat gasket
of synthetic rubber material is
provided
to
take
complete
advantage of waterproof and
pressure sealing features. It is
for use with the flange mounted
receptacle.
This flat gasket is provided to
give the maximum in connector
performance. Its special feature
is in providing the maximum
radio shielding under difficult
conditions of high receiver sen-
sitivity and low signal strength
while retaining the sealing char-
acteristics of the plain gasket.
This gasket is for use with the
flange mounting receptacle.
This gasket is provided for appli-
cations where the major require-
ment
is
resistance
to
the
injurious effects of extremely low
temperature. Even at tempera-
tures as low as –67°F this gas-
ket retains its resiliency and will
seal a pressure differential of 30
psi.
All dimensions for reference only.
Installation Dimensions
Order Data
MS
Shell
Size
A
±.010
B
+.016
–.000
C
+.016
–.000
D
±.010
Plain
Shielding
Low
Temperature
8S
.594
.500
.875
.172
10-40450-8
10-40450-8S
10-36675-8
10S
.719
.625
1.000
.172
10-40450-10
10-40450-10S 10-36675-10
10SL
.719
.625
1.000
.172
10-40450-10
10-40450-10S 10-36675-10
12S
.813
.750
1.094
.172
10-40450-12
10-40450-12S 10-36675-12
12
.813
.750
1.094
.172
10-40450-12
10-40450-12S 10-36675-12
14S
.906
.875
1.188
.172
10-40450-14
10-40450-14S 10-35575-14
14
.906
.875
1.188
.172
10-40450-14
10-40450-14S 10-36675-14
16S
.969
1.000
1.281
.172
10-40450-16
10-40450-16S 10-36675-16
16
.969
1.000
1.281
.172
10-40450-16
10-40450-16S 10-36675-16
18
1.063
1.125
1.375
.203
10-40450-18
10-40450-18S 10-36675-18
20
1.156
1.250
1.500
.203
10-40450-20
10-40450-20S 10-36675-20
22
1.250
1.375
1.625
.203
10-40450-22
10-40450-22S 10-36675-22
24
1.375
1.500
1.750
.203
10-40450-24
10-40450-24S 10-36675-24
28
1.563
1.750
2.000
.203
10-40450-28
10-40450-28S 10-36675-28
32
1.750
2.000
2.250
.219
10-40450-32
10-40450-32S 10-36675-32
36
1.938
2.188
2.500
.219
10-40450-36
10-40450-36S 10-36675-36
40
2.188
2.438
2.750
.219
10-40450-40
10-40450-40S 10-36675-40
MS/Standard Accessories
10-40450, 10-36675
sealing gaskets
C
A
B
C
A
.031 ± .010
PLAIN
.020 ± .004
SHIELDING
.031 ± .010 LOW
TEMPERATURE
D
4 HOLES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com