전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS3102A18-3SW 데이터시트(PDF) 18 Page - Amphenol Corporation

부품명 CS3102A18-3SW
상세설명  Amphenol MIL-DTL-5015 and MIL-5015
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMPHENOL [Amphenol Corporation]
홈페이지  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CS3102A18-3SW 데이터시트(HTML) 18 Page - Amphenol Corporation

Back Button CS3102A18-3SW Datasheet HTML 14Page - Amphenol Corporation CS3102A18-3SW Datasheet HTML 15Page - Amphenol Corporation CS3102A18-3SW Datasheet HTML 16Page - Amphenol Corporation CS3102A18-3SW Datasheet HTML 17Page - Amphenol Corporation CS3102A18-3SW Datasheet HTML 18Page - Amphenol Corporation CS3102A18-3SW Datasheet HTML 19Page - Amphenol Corporation CS3102A18-3SW Datasheet HTML 20Page - Amphenol Corporation CS3102A18-3SW Datasheet HTML 21Page - Amphenol Corporation CS3102A18-3SW Datasheet HTML 22Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 73 page
background image
17
L
B
A
Thread
Y
H
P
K
MZ
S
R
R
S
T
4 Holes
Shell
Size
A
Thread
Class 2A
B
Min.
Full
Thread
H
Dia.
Max.
K
+.020
–.010
L
Max.
M
+.010
–.000
P
Dia.
Max.
R
±.005
S
±.031
Y
Thread
Class 2
T
Dia.
+.004
–.002
Z
+.050
–.060
8S
.5000-28UNEF
.391
.959
.672
1.588
.562
.557
.594
.875
6-32NC
.120
.422
10S
.6250-24NEF
.391
1.026
.672
1.588
.562
.682
.719
1.000
6-32NC
.120
.422
10SL
.6250-24NEF
.391
1.120
.672
1.588
.562
.807
.719
1.000
6-32NC
.120
.422
12S
.7500-20UNEF
.450
1.120
.672
1.588
.562
.807
.812
1.094
6-32NC
.120
.422
12
.7500-20UNEF
.625
1.120
.860
1.931
.750
.807
.812
1.094
6-32NC
.120
.672
14S
.8750-20UNEF
.450
1.307
.672
1.588
.562
.932
.906
1.188
6-32NC
.120
.422
14
.8750-20UNEF
.625
1.307
.860
1.931
.750
.932
.906
1.188
6-32NC
.120
.672
16S
1.0000-20UNEF
.450
1.432
.672
1.588
.562
1.057
.969
1.281
6-32NC
.120
.422
16
1.0000-20UNEF
.625
1.432
.860
1.931
.750
1.057
.969
1.281
6-32NC
.120
.672
18
1.1250-18NEF
.625
1.557
.891
1.931
.750
1.182
1.063
1.375
6-32NC
.120
.641*
20
1.2500-18NEF
.625
1.744
.891
1.931
.750
1.291
1.156
1.500
8-32NC
.120
.641*
22
1.3750-18NEF
.625
1.869
.891
1.931
.750
1.432
1.250
1.625
8-32NC
.120
.641*
24
1.5000-18NEF
.625
1.994
.953
2.009
.812
1.557
1.375
1.750
8-32NC
.147
.578*
28
1.7500-18NS
.625
2.166
.953
2.009
.812
1.807
1.562
2.000
8-32NC
.147
.578*
32
2.0000-18NS
.625
2.541
1.031
2.072
.875
2.057
1.750
2.250
10-32NF
.173
.500*
36
2.2500-16UN
.625
2.729
1.031
2.072
.875
2.260
1.938
2.500
10-32NF
.173
.500*
40
2.5000-16UN
.625
2.979
1.031
2.072
.875
2.260
2.510
2.750
10-32NF
.173
.500*
MS/Standard
MS3100R
wall mounting receptacle
To complete order number, see “how to order” pg. 70.
For solder well data, see page 67.
All lockwire holes are .045 dia. min.
* Increase Z dimension by .312 for size “0” contact only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com