전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS3102A18-3SW 데이터시트(PDF) 41 Page - Amphenol Corporation

부품명 CS3102A18-3SW
상세설명  Amphenol MIL-DTL-5015 and MIL-5015
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMPHENOL [Amphenol Corporation]
홈페이지  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CS3102A18-3SW 데이터시트(HTML) 41 Page - Amphenol Corporation

Back Button CS3102A18-3SW Datasheet HTML 37Page - Amphenol Corporation CS3102A18-3SW Datasheet HTML 38Page - Amphenol Corporation CS3102A18-3SW Datasheet HTML 39Page - Amphenol Corporation CS3102A18-3SW Datasheet HTML 40Page - Amphenol Corporation CS3102A18-3SW Datasheet HTML 41Page - Amphenol Corporation CS3102A18-3SW Datasheet HTML 42Page - Amphenol Corporation CS3102A18-3SW Datasheet HTML 43Page - Amphenol Corporation CS3102A18-3SW Datasheet HTML 44Page - Amphenol Corporation CS3102A18-3SW Datasheet HTML 45Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 73 page
background image
40
1
10
9
8
7
6
5
4
2
11
13
12
3
front face of pin insert or rear face of socket insert illustrated
Special
contact arrangements
Insert Arrangement
28-66
28-72
28-74
28-75
28-79
Service Rating
A
–
A
A
A
Number of Contacts
2
14
3
9*
4*
3*
9*
7*
7
9
Contact Size
8
12
4 (Coax) RG-59A/U
16
8
8 for #10 wire
16
8 for #10 wire
8
16
or RG-62A/U
(S, T, R)
Insert Arrangement
28-82
28-84
28-AY
32-14
32-25
Service Rating
DAA
D
A
Number of Contacts
2
4
9
4
5
13
25
Contact Size
8
12
8
4
16
12
12
Insert Arrangement
32-31
32-48
32-52
32-53
Service Rating
A
Inst.
D
t, u = E; Bal. = Inst.
Number of Contacts
31
48
6
2
5
37
Contact Size
16
16
12
0
12
16
* Solderless
CONTACT LEGEND
16
12
8
4
0
90° CW Rotation
of 32-15
A
B
C
D
E
F
H
J
K
L
M
N
P
R
S
T
A
B
C
A
B
C
D
E
F
H
J
K
L
M
N
P
R
S
T
A
B
C
D
E
F
H
J
K
L
M
N
P
R
S
T
A
B
C
D
E
F
H
J
K
L
M
N
P
R
S
T
12
3
45
6
A
B
C
D
E
F
G
H
I
A
BC
DE
F
G
H
J
13
12
11
10
9
8
7
6
5
4
3
2
1
23
19
22
21
20
15
18
17
16
14
24
25
90˚
A
BC
DE
F
G
H
A
B
C
D
E
F
H
J
K
L
M
N
P
R
S
T
U
V
W
X
Y
Z
a
b
c
d
f
g
h
i
j
k
m
n
p
r
t
u
v
w
s
q
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
A
B
C D
E
FH
J
K
L
M
N
P
R
ST
U
V
W
X
YZ
a
bc
d
f
g
hi
j
k
mn
p
q
r
s
t
uv
w
x
y
z
AA
BB
CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com