전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

175196-2 데이터시트(PDF) 67 Page - List of Unclassifed Manufacturers

부품명 175196-2
상세설명  T E CON N E C T I V I T Y AT YOU R S E R V I C E
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

175196-2 데이터시트(HTML) 67 Page - List of Unclassifed Manufacturers

Back Button 175196-2 Datasheet HTML 63Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 64Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 65Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 66Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 67Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 68Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 69Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 70Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 71Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 236 page
background image
Verbindlich für Toleranzen der Abmessungen und technische Werte sind ausschließlich die neuesten TE Connectivity Kundenzeichnungen bzw. Produkt-Spezifikationen, die Sie auf Anfrage erhalten.
All specifications subject to change. Consult TE Connectivity for latest design specifications.
HTS Industrie Steckverbinder
HTS Heavy Duty Connectors
65
HA.10/HD.15 Gehäuse/Housings
Baugröße/Size 2
Pulverbeschichtet, silbergrau
Powder-coated, silver-grey
Längsbügel am Unterteil/Side clip at housing bottom
IP 65
HA.10.SGD-LB.1.16.Z
HA.10.SGD-LB.2.16.Z
HA.10.SGD-LB.1.M20.Z
HA.10.SGD-LB.2.M20.Z
HD.15.SGD-LB.1.16.Z
HD.15.SGD-LB.1.21.Z
HD.15.SGD-LB.2.16.Z
HD.15.SGD-LB.2.21.Z
HD.15.SGD-LB.2.M25.Z
HA.10.KDO-LB.1.16.G
HA.10.KDO-LB.1.M20.G
HD.15.KDO-LB.1.16.G
HD.15.KDO-LB.1.21.G
HD.15.KDO-LB.1.M25.G
1-1102128-2
1-1102130-2
0-1103057-2
0-1106410-1
1-1102446-2
1-1102450-2
1-1102448-2
1-1102452-2
0-1106413-1
1-1102133-2
0-1106409-1
1-1102455-2
1-1102458-2
0-1106412-1
Bestelltext
Designation
Bestell-Nr.
Order No.
Sockelgehäuse: Kabeleingang seitlich, Hohe Bauform
Surface mounted housing: Side entry, High construction
48
72.5
ø4.5
50
40
18
14
1-1102130-2
M/PG
1-1102448-2
ø4.4
20
40
50
14
57
3.5
80
48
M/PG
PG
16
2x16
16
21
2x16
2x21
16
16
21
Kupplungsgehäuse: Kabeleingang unten, Standard Bauform
Cable-to-cable hood: Bottom entry, Standard construction
1-1102133-2
HA.10.KDO-LB1.16.G
29
75.5
M/PG
Sockelgehäuse: Kabeleingang seitlich, Standard Bauform
Surface mounted housing: Side entry, Standard construction
Passende Kabelverschraubungen ab Seite 188/Suitable Cable fittings from page 188
Metr.
M20
2xM20
2xM25
M20
M25
Kupplungsgehäuse: Kabeleingang unten, Hohe Bauform
Cable-to-cable hood: Bottom entry, High construction
1-1102455-2
HD.15.KDO-LB1.16.G
34
20
76.5
63
M/PG
Bezeichnung
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More