전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

175196-2 데이터시트(PDF) 95 Page - List of Unclassifed Manufacturers

부품명 175196-2
상세설명  T E CON N E C T I V I T Y AT YOU R S E R V I C E
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

175196-2 데이터시트(HTML) 95 Page - List of Unclassifed Manufacturers

Back Button 175196-2 Datasheet HTML 91Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 92Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 93Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 94Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 95Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 96Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 97Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 98Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 99Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 236 page
background image
Verbindlich für Toleranzen der Abmessungen und technische Werte sind ausschließlich die neuesten TE Connectivity Kundenzeichnungen bzw. Produkt-Spezifikationen, die Sie auf Anfrage erhalten.
All specifications subject to change. Consult TE Connectivity for latest design specifications.
HTS Industrie Steckverbinder
HTS Heavy Duty Connectors
93
HB.10, HB-K.10, HD.24, HD-K.24, Gehäuse/Housings
Baugröße/Size 4
Pulverbeschichtet, silbergrau
K = korrosionsgeschützt, schwarz
Powder-coated, silver-grey
K = corrosion-resistant, black
Längsbügel am Unterteil/Side clip at housing bottom
IP 65
HB.10.AG-LB
HB-K.10.AG-LB
HB.10.AGD-LB
HB-K.10.AGD-LB
HB.1O.SG-LB.1.16.Z
HB.1O.SG-LB.2.16.Z
HB.10.SG-LB.2.M25.Z
HB-K.10.SG-LB.1.16.Z
HB-K.10.SG-LB.2.M25.Z
HD.24.SG-LB.1.21.Z
HD.24.SG-LB.2.21.Z
HD.24.SG-LB.1.29.Z
HD.24.SG-LB.2.29.Z
HD.24.SG-LB.2.M32.Z
HD-K.24.SG-LB.2.M32.Z
1-1102271-2
2-1102271-2
1-1102283-2
2-1102283-2
1-1102274-2
1-1102276-2
0-1106429-3
2-1102274-2
0-1106429-7
1-1102507-2
1-1102509-2
1-1102511-2
1-1102513-2
0-1106433-3
0-1106433-7
Bestelltext
Designation
Bestell-Nr.
Order No.
PG
16
2x16
16
21
2x21
29
2x29
Mit Korrosionsschutz
With corrosion protection
Mit Korrosionsschutz
With corrosion protection
Mit Korrosionsschutz
With corrosion protection
Passende Kabelverschraubungen ab Seite 188/Suitable Cable fittings from page 188
Metr.
2xM25
2xM25
2xM32
2xM32
Mit Korrosionsschutz
With corrosion protection
Bezeichnung
Description
65
M4
83
1-1102271-2
4.5
2-1102271-2
35
93
83
43.5
32
Anbaugehäuse: Kabeleingang unten, Standard Bauform
Surface mounted housing: Bottom entry, Standard construction
25
93
83
ø4.5
43.5
32
1-1102283-2
65
83
Anbaugehäuse: Kabeleingang unten, Standard Bauform
Surface mounted housing: Bottom entry, Standard construction
82
94
30
40
52
ø5.5
1-1102276-2
M/PG
Sockelgehäuse: Kabeleingang seitlich, Standard Bauform
Surface mounted housing: Side entry, Standard construction
1-1102507-2
82
ø 5.5
57
45
30
94
M/PG
Sockelgehäuse: Kabeleingang seitlich, Hohe Bauform
Surface mounted housing: Side entry, High construction
Montageausschnitt/Panel cut-out
Montageausschnitt/Panel cut-out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More