전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ZSSC3036CC1C 데이터시트(PDF) 23 Page - List of Unclassifed Manufacturers

부품명 ZSSC3036CC1C
상세설명  Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

ZSSC3036CC1C 데이터시트(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button ZSSC3036CC1C Datasheet HTML 19Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 20Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 21Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 22Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 23Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 24Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 25Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 26Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 49 page
background image
ZSSC3036
Low-Power 16-Bit Sensor Signal Conditioner IC
Data Sheet
May 28, 2013
© 2013 Zentrum Mikroelektronik Dresden AG
— Rev. 1.20
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
23 of 49
Figure 3.2
Operational Flow Chart: Command Mode and Normal Mode
Sleep Mode
Receive: Command
Start_NOM
Execute: Command
HV-Operation
LV-Operation
Color Legend:
CMD==Start_CM
yes
no
Get command from HV
Command Mode
Case (Command)
REGULAR_CMD
INVALID_CMD
CM active
Start LV
End LV
CM inactive
Execute: Command
Case (Command)
REGULAR_CMD
INVALID_CMD
3.4.
Command Interpretation
3.4.1.
SPI/I
2C™ Commands
The user-accessible section of memory includes addresses 00HEX through 17HEX in the OTP memory that is
designated by the user memory page pointer. Because each of the four OTP memory pages cannot be rewritten
or erased, the memory page pointer must be incremented to the next OTP memory page in order to write to
memory again (see Table 3.1 for the command). After all four user-accessible OTP memory pages have been
used, further write operations are not possible and the
“Memory Full” bit is returned as set in the status byte after
write operations (see section 3.5.1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com