전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ZSSC3036CC1C 데이터시트(PDF) 30 Page - List of Unclassifed Manufacturers

부품명 ZSSC3036CC1C
상세설명  Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

ZSSC3036CC1C 데이터시트(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button ZSSC3036CC1C Datasheet HTML 26Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 27Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 28Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 29Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 30Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 31Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 32Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 33Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 49 page
background image
ZSSC3036
Low-Power 16-Bit Sensor Signal Conditioner IC
Data Sheet
May 28, 2013
© 2013 Zentrum Mikroelektronik Dresden AG
— Rev. 1.20
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
30 of 49
S SlaveAddr
A
0
Command
A P
S SlaveAddr
0 A Command
A
CmdDat
<15:8>
A
CmdDat
<7:0>
A P
Command Request (I
2C™ Write)
write
write
from master to slave
from slave to master
S
START condition
P
STOP condition
A
N
acknowledge
not acknowledge
S SlaveAddr
1 A
Status
N P
Read Status (I
2C™ Read)
read
3.5.3.
I
2C™
I
2C Mode is selected by the SEL pin = 1. In I2C Mode, each command is started as shown in Figure 3.8. Only the
number of bytes that is needed for the command must be sent. An exception is the HS-mode where 3 bytes must
always be sent as in SPI Mode. After the execution of a command (busy = 0), the expected data can be read as
illustrated in Figure 3.10 or if no data are returned by the command, the next command can be sent. The status
can be read at any time as described in Figure 3.9.
Figure 3.8
I2C
™ Command Request
Figure 3.9
I
2C™ Read Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com