전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ZSSC3036CC1C 데이터시트(PDF) 31 Page - List of Unclassifed Manufacturers

부품명 ZSSC3036CC1C
상세설명  Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

ZSSC3036CC1C 데이터시트(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button ZSSC3036CC1C Datasheet HTML 27Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 28Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 29Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 30Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 31Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 32Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 33Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 34Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 49 page
background image
ZSSC3036
Low-Power 16-Bit Sensor Signal Conditioner IC
Data Sheet
May 28, 2013
© 2013 Zentrum Mikroelektronik Dresden AG
— Rev. 1.20
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
31 of 49
S SlaveAddr
1 A
Status
A
MemDat
<15:8>
A
MemDat
<7:0>
N P
S SlaveAddr
1 A
Status
A
BridgeDat
<15:8>
A
BridgeDat
<7:0>
N P
A
TempDat
<15:8>
A
TempDat
<7:0>
Read Data (I
2C™ Read)
(a) Example: after the completion of a Memory Read command
read
(b) Example: after the completion of a Full Measurement command (ACHEX)
read
Figure 3.10 I
2C™ Read Data
All mandatory I²C-bus protocol features are implemented. Optional features like clock stretching, 10-bit slave
address, etc., are not supported by the ZSSC3036
’s interface.
In I²C-High-Speed Mode, a command consists of a fixed length of three bytes.
3.6.
Memory
In the ZSSC3036, the memory is organized page-wise and can be programmed multiple (4) times (MTP). Each
register can only be programmed once per page. The valid page is determined by the page counter which can be
incremented with the command 5EHEX – this leads to a “reset” of all registers and a re-programming is necessary.
Increasing the customer page counter will disable all old register contents of the former page. It is possible to
(re-)program a total of 4 pages. Resetting the page counter is not possible. The page counter starts with 0 and
can be incremented to a maximum of 3. If the 4
th memory page has been used, no further changes in the memory
are possible
– careful writing and page incrementing is strongly recommended. There are two MTP page types:
Customer Page: accessible by means of regular write operations (40
HEX to 57HEX). It contains: the customer
ID, interface setup data, measurement setup information, calibration coefficients, etc.
ZMDI Page:
only accessible for write operations by ZMDI. The ZMDI page contains specific trim
information and is programmed during manufacturing test by ZMDI.
3.6.1.
Programming Memory
Programming memory requires a specific supply voltage level (>2.9V) at the VDD pin (see section 1.3 for
specifications). The MTP programming voltage itself is generated by means of an implemented charge pump,
generating an internal memory programming voltage (VPP); no additional, external voltage, other than VDD
needed. The program timing is shown in Figure 3.11. Supplying the ZSSC3036 with VDD>2.9V during memory
programming is required. After the memory is programmed, it must be read again to verify the validity of the
memory contents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com