전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ZSSC3036CC1C 데이터시트(PDF) 38 Page - List of Unclassifed Manufacturers

부품명 ZSSC3036CC1C
상세설명  Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

ZSSC3036CC1C 데이터시트(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button ZSSC3036CC1C Datasheet HTML 34Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 35Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 36Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 37Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 38Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 39Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 40Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 41Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 49 page
background image
ZSSC3036
Low-Power 16-Bit Sensor Signal Conditioner IC
Data Sheet
May 28, 2013
© 2013 Zentrum Mikroelektronik Dresden AG
— Rev. 1.20
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
38 of 49
MTP
Address
Word / Bit
Range
Default
Setting
Description
Notes / Explanations
5
0BIN
Gain_polarity
Set up the polarity of the sensor bridge’s gain
(inverting of the chopper) with
 0  positive (no polarity change)
 1  negative (180° polarity change)
7:6
00BIN
(11BIN)
Msb
Absolute number of bits for the MSB conversion in
the ADC with Msb:
 00  10-bit
 01  12-bit
 10  14-bit
 11  16-bit
9:8
00BIN
Lsb
Absolute number of bits for the LSB conversion in
the ADC with Lsb:
 00  0-bit (single stage ADC)
 01  2-bit
 10  4-bit
 11  6-bit
12:10
000BIN
A2D_Offset
ADC offset and resulting A2D input range [Vref] with
A2D_Offset:
 000  1/16 results in range [-1/16, 15/16]
 001  2/16 results in range [-2/16, 14/16
 010  3/16 results in range [-3/16, 13/16]
 011  4/16 results in range [-4/16, 12/16]
 100  5/16 results in range [-5/16, 11/16]
 101  6/16 results in range [-6/16, 10/16]
 110  7/16 results in range [-7/16, 9/16]
 111  8/16 results in range [-8/16, 8/16]
14:13
00BIN
Temp_ADC
Selection between fixed ADC segmentations for
temperature measurements:
 00  setup according to ZMDI-reserved memory
(recommended setup for best performance and
speed trade-off)
 01  MSB=16, LSB=0 (16-bit)
 10  MSB=10, LSB=6 (16-bit)
 11  MSB=12, LSB=4 (16-bit)
15
0BIN
-
Reserved
11HEX
Not assigned
12HEX
Not assigned
13HEX
Not assigned



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com