전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM8L152M8 데이터시트(PDF) 72 Page - STMicroelectronics

부품명 STM8L152M8
상세설명  8-bit ultralow power MCU, up to 64 KB Flash 2 KB data EEPROM, RTC, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, comparators
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L152M8 데이터시트(HTML) 72 Page - STMicroelectronics

Back Button STM8L152M8 Datasheet HTML 68Page - STMicroelectronics STM8L152M8 Datasheet HTML 69Page - STMicroelectronics STM8L152M8 Datasheet HTML 70Page - STMicroelectronics STM8L152M8 Datasheet HTML 71Page - STMicroelectronics STM8L152M8 Datasheet HTML 72Page - STMicroelectronics STM8L152M8 Datasheet HTML 73Page - STMicroelectronics STM8L152M8 Datasheet HTML 74Page - STMicroelectronics STM8L152M8 Datasheet HTML 75Page - STMicroelectronics STM8L152M8 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 134 page
background image
Electrical parameters
STM8L15xx8, STM8L15xR6
72/134
DocID17943 Rev 6
Figure 12. Power supply thresholds
V
DD /VDDA
PVD output
100 mV
hysteresis
V
PVD
V
BOR
hyster esis
100 mV
IT enabled
BOR reset
(NRST)
POR/PDR reset
(NRST)
PVD
BOR always active
POR/PDR (BOR not available)
ai17211b
POR
V
/
PDR
V
BOR/PDR reset
(NRST)
BOR disabled by option byte
(Note 1)
(Note 2)
(Note 3)
(Note 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More