전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6717 데이터시트(PDF) 33 Page - STMicroelectronics

부품명 L6717
상세설명  High-efficiency hybrid AM2r2 controller with I2C interface and embedded drivers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6717 데이터시트(HTML) 33 Page - STMicroelectronics

Back Button L6717 Datasheet HTML 29Page - STMicroelectronics L6717 Datasheet HTML 30Page - STMicroelectronics L6717 Datasheet HTML 31Page - STMicroelectronics L6717 Datasheet HTML 32Page - STMicroelectronics L6717 Datasheet HTML 33Page - STMicroelectronics L6717 Datasheet HTML 34Page - STMicroelectronics L6717 Datasheet HTML 35Page - STMicroelectronics L6717 Datasheet HTML 36Page - STMicroelectronics L6717 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
L6717
Power manager I2C
Doc ID 17326 Rev 1
33/56
When the soft start is over and once PWRGOOD rise to Logic “1”, L6717 can receive
commands on power manager I2C bus to enable DPM.
Once DPM is enabled, L6717 starts monitoring the ILIM voltage: the voltage is compared
with the internal VDPM threshold defining the current level to trigger the number modification.
DPM is reset in particular conditions:
–
during OTF VID transition issued by the CPU;
–
when LTB Technology® detects a load transient.
After being reset, DPM is re-enabled with a proper delay: the phase number is again defined
according to the ILIM pin voltage with respect VDPM.
Delay in the intervention of DPM can be adjusted by properly sizing the filer across ILIM pin.
Increasing the capacitance results in increased delay in the DPM intervention.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56