| 전자부품 데이터시트 검색엔진 |
|
ADF7021 데이터시트(PDF) 52 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADF7021 데이터시트(HTML) 52 Page - Analog Devices |
|
52 / 64 page ![]() ADF7021 Data Sheet Rev. B | Page 52 of 64 REGISTER 5—IF FILTER SETUP REGISTER IR_PHASE_ ADJUST_MAG IR_GAIN_ ADJUST_MAG IF_FILTER_DIVIDER IF_FILTER_ADJUST ADDRESS BITS CC1 0 1 CAL NO CAL DO CAL PD1 0 1 IR PHASE ADJUST I/Q ADJUST I CH ADJUST Q CH GA1 0 1 IR GAIN ADJUST UP/DN GAIN ATTENUATE GQ1 0 1 IR GAIN ADJUST I/Q ADJUST I CH ADJUST Q CH IFD3 0 0 . . . . 1 IFD1 1 0 . . . . 1 FILTER CLOCK DIVIDE RATIO 1 2 . . . . 511 IFD2 0 1 . . . . 1 IFA2 0 0 1 .. 1 0 0 1 . 1 IF FILTER ADJUST IFA6 0 0 0 .. 0 1 1 1 1 1 GM3 IR GAIN ADJUST GM5 0 0 0 . 1 IFD9 0 0 . . . . 1 IFD6 0 0 . . . . 1 . . . . . . . . IFD5 0 0 . . . . 1 IFD4 0 0 . . . . 1 0 1 0 .. 1 0 1 0 . 1 IFA1 ... ... ... ... ... ... ... ... ... ... ... 0 +1 +2 ... +31 0 –1 –2 ... –31 GM4 GM2 GM1 0 0 0 . 1 0 0 0 . 1 0 0 1 . 1 0 1 0 . 1 0 1 2 ... 31 PM2 IR PHASE ADJUST PM3 PM1 PM1 0 0 0 . 1 0 0 0 . 1 0 0 1 . 1 0 1 0 . 1 0 1 2 ... 15 IFA5 0 0 0 .. 1 0 0 0 . 1 Figure 67. Register 5—IF Filter Setup Register Map A coarse IF filter calibration is performed when the IF_CAL_COARSE bit (DB4) is set. If the IF_FINE_CAL bit (R6_DB4) has been previously set, a fine IF filter calibration is automatically performed after the coarse calibration. Set IF_FILTER_DIVIDER such that kHz 50 _ _ = DIVIDER FILTER IF XTAL IF_FILTER_ADJUST allows the IF fine filter calibration result to be programmed directly on subsequent receiver power-ups, thereby saving on the need to redo a fine filter calibration in some instances. Refer to the Filter Bandwidth Calibration Readback section for information about using the IF_FILTER_ADJUST bits. DB[20:31] are used for image rejection calibration. Refer to the Image Rejection Calibration section for details on how to program these parameters. |