전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ATA5746C 데이터시트(PDF) 7 Page - ATMEL Corporation

부품명 ATA5746C
상세설명  UHF ASK/FSK Receiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5746C 데이터시트(HTML) 7 Page - ATMEL Corporation

Back Button ATA5746C_14 Datasheet HTML 3Page - ATMEL Corporation ATA5746C_14 Datasheet HTML 4Page - ATMEL Corporation ATA5746C_14 Datasheet HTML 5Page - ATMEL Corporation ATA5746C_14 Datasheet HTML 6Page - ATMEL Corporation ATA5746C_14 Datasheet HTML 7Page - ATMEL Corporation ATA5746C_14 Datasheet HTML 8Page - ATMEL Corporation ATA5746C_14 Datasheet HTML 9Page - ATMEL Corporation ATA5746C_14 Datasheet HTML 10Page - ATMEL Corporation ATA5746C_14 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
7
ATA5745C/ATA5746C [DATASHEET]
9249C–RKE–10/14
Conditions for the sensitivity measurement:
The given sensitivity values are valid for Manchester-modulated signals. For the sensitivity measurement the distance from
edge to edge must be evaluated. As can be seen in Figure 6-1 on page 22, in a Manchester-modulated data stream, the time
segments TEE and 2 × TEE occur.
To reach the specified sensitivity for the evaluation of TEE and 2 × TEE in the data stream, the following limits should be used
(TEE min, TEE max, 2 × TEE min, 2 × TEE max).
2.3
Sensitivity Versus Supply Voltage, Temperature and Frequency Offset
To calculate the behavior of a transmission system, it is important to know the reduction of the sensitivity due to several
influences. The most important are frequency offset due to crystal oscillator (XTO) and crystal frequency (XTAL) errors,
temperature and supply voltage dependency of the noise figure, and IF-filter bandwidth of the receiver. Figure 2-2 and
Figure 2-3 on page 8 show the typical sensitivity at 315MHz, ASK, 2.4Kbits/s and 9.6Kbits/s, Manchester, Figure 2-4 and
Figure 2-5 on page 9 show a typical sensitivity at 315MHz, FSK, 2.4Kbits/s and 9.6Kbits/s, ±38kHz, Manchester versus the
frequency offset between transmitter and receiver at Tamb = –40°C, +25°C, and +105°C and supply voltage
VS = VS3V_AVCC = VS5V = 2.7V, 3.0V and 3.3V.
Table 2-2.
Input Matching to 50
Ω
fRF [MHz]
C1 [pF]
L1 [nH]
QL1
315
2.2
68
20
433.92
2.2
36
15
Table 2-3.
Measured Typical Sensitivity FSK,
±38 kHz, Manchester, BER = 10–3
RF Frequency
BR_Range_0
1.0Kbit/s
BR_Range_0
2.5Kbits/s
BR_Range_1
5Kbits/s
BR_Range_2
10Kbits/s
BR_Range_3
10Kbits/s
BR_Range_3
20Kbits/s
315MHz
–108dBm
–108dBm
–107dBm
–105dBm
–104dBm
–104dBm
433.92MHz
–107dBm
–107dBm
–106dBm
–104dBm
–103dBm
–103dBm
Table 2-4.
Measured Typical Sensitivity 100% ASK, Manchester, BER = 10–3
RF Frequency
BR_Range_0
1.0Kbit/s
BR_Range_0
2.5Kbits/s
BR_Range_1
5Kbits/s
BR_Range_2
10Kbits/s
BR_Range_3
10Kbits/s
315MHz
–114dBm
–114dBm
–113dBm
–111dBm
–109dBm
433.92MHz
–113dBm
–113dBm
–112dBm
–110dBm
–108dBm
Table 2-5.
Limits for Sensitivity Measurements
Bit Rate
TEE Min
TEE Typ
TEE Max
2
× TEE Min
2
× TEE Typ
2
× TEE Max
1.0Kbit/s
260µs
500µs
790µs
800µs
1000µs
1340µs
2.4Kbits/s
110µs
208µs
310µs
320µs
416µs
525µs
5.0Kbits/s
55µs
100µs
155µs
160µs
200µs
260µs
9.6Kbits/s
27µs
52µs
78µs
81µs
104µs
131µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com