전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ATA5746C 데이터시트(PDF) 1 Page - ATMEL Corporation

부품명 ATA5746C
상세설명  UHF ASK/FSK Receiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5746C 데이터시트(HTML) 1 Page - ATMEL Corporation

  ATA5746C_14 Datasheet HTML 1Page - ATMEL Corporation ATA5746C_14 Datasheet HTML 2Page - ATMEL Corporation ATA5746C_14 Datasheet HTML 3Page - ATMEL Corporation ATA5746C_14 Datasheet HTML 4Page - ATMEL Corporation ATA5746C_14 Datasheet HTML 5Page - ATMEL Corporation ATA5746C_14 Datasheet HTML 6Page - ATMEL Corporation ATA5746C_14 Datasheet HTML 7Page - ATMEL Corporation ATA5746C_14 Datasheet HTML 8Page - ATMEL Corporation ATA5746C_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
9249C-RKE-10/14
Features
Transparent RF receiver ICs for 315MHz (Atmel® ATA5746C) and 433.92MHz
(Atmel ATA5745C) with high receiving sensitivity
Fully integrated PLL with low phase noise VCO, PLL, and loop filter
High FSK/ASK sensitivity:
–105dBm (Atmel ATA5746C, FSK, 9.6Kbits/s, Manchester, BER 10-3)
–114dBm (Atmel ATA5746C, ASK, 2.4Kbits/s, Manchester, BER 10-3)
–104dBm (Atmel ATA5745C, FSK, 9.6Kbits/s, Manchester, BER 10-3)
–113dBm (Atmel ATA5745C, ASK, 2.4Kbits/s, Manchester, BER 10-3)
Supply current: 6.5mA in Active Mode (3V, 25°C, ASK Mode)
Data rate: 1Kbit/s to 10Kbits/s Manchester ASK, 1Kbit/s to 20Kbits/s Manchester
FSK with four programmable bit rate ranges
Switching between modulation types ASK/FSK and different data rates possible in
≤ 1ms typically, without hardware modification on board to allow different
modulation schemes for RKE, TPMS
Low standby current: 50µA at 3V, 25°C
ASK/FSK receiver uses a Low-IF architecture with high selectivity, blocking, and
Low intermodulation (typical 3-dB blocking 68.0dBC at ±3MHz/74.0dBC at
±20.0MHz, system I1dBCP = –31dBm/system IIP3 = –24dBm)
Telegram pause up to 52ms supported in ASK Mode
Wide bandwidth AGC to handle large out-of-band blockers above the system
I1dBCP
440-kHz IF frequency with 30-dB image rejection and 420-kHz IF bandwidth to
support PLL transmitters with standard crystals or SAW-based transmitters
RSSI (Received Signal Strength Indicator) with output signal dynamic range of
65dB
Low in-band sensitivity change of typically ±2.0dB within ±160-kHz center
frequency change in the complete temperature and supply voltage range
Sophisticated threshold control and quasi-peak detector circuit in the data slicer
Fast and stable XTO start-up circuit (> –1.4k
Ω worst-case start impedance)
Clock generation for microcontroller
ATA5745C/ATA5746C
UHF ASK/FSK Receiver
DATASHEET


유사한 부품 번호 - ATA5746C_14

제조업체부품명데이터시트상세설명
logo
ATMEL Corporation
ATA5746 ATMEL-ATA5746 Datasheet
762Kb / 44P
UHF ASK/FSK Receiver
ATA5746-PXPW ATMEL-ATA5746-PXPW Datasheet
762Kb / 44P
UHF ASK/FSK Receiver
ATA5746-PXQW ATMEL-ATA5746-PXQW Datasheet
762Kb / 44P
UHF ASK/FSK Receiver
More results

유사한 설명 - ATA5746C_14

제조업체부품명데이터시트상세설명
logo
TEMIC Semiconductors
U3741BM TEMIC-U3741BM Datasheet
429Kb / 25P
UHF ASK/FSK Receiver
logo
ATMEL Corporation
U3742BM ATMEL-U3742BM Datasheet
541Kb / 32P
UHF ASK/FSK RECEIVER
ATA5743 ATMEL-ATA5743 Datasheet
763Kb / 43P
UHF ASK/FSK Receiver
ATA5760 ATMEL-ATA5760 Datasheet
695Kb / 41P
UHF ASK/FSK Receiver
ATA3742 ATMEL-ATA3742 Datasheet
539Kb / 34P
UHF ASK/FSK Receiver
ATA3745 ATMEL-ATA3745 Datasheet
497Kb / 30P
UHF ASK/FSK Receiver
ATA5745 ATMEL-ATA5745_07 Datasheet
762Kb / 44P
UHF ASK/FSK Receiver
ATA3742 ATMEL-ATA3742_07 Datasheet
601Kb / 34P
UHF ASK/FSK Receiver
ATA5782 ATMEL-ATA5782_14 Datasheet
755Kb / 20P
UHF ASK/FSK Receiver
ATA5721 ATMEL-ATA5721 Datasheet
102Kb / 6P
UHF ASK/FSK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com