전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ATA5746C 데이터시트(PDF) 3 Page - ATMEL Corporation

부품명 ATA5746C
상세설명  UHF ASK/FSK Receiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5746C 데이터시트(HTML) 3 Page - ATMEL Corporation

  ATA5746C_14 Datasheet HTML 1Page - ATMEL Corporation ATA5746C_14 Datasheet HTML 2Page - ATMEL Corporation ATA5746C_14 Datasheet HTML 3Page - ATMEL Corporation ATA5746C_14 Datasheet HTML 4Page - ATMEL Corporation ATA5746C_14 Datasheet HTML 5Page - ATMEL Corporation ATA5746C_14 Datasheet HTML 6Page - ATMEL Corporation ATA5746C_14 Datasheet HTML 7Page - ATMEL Corporation ATA5746C_14 Datasheet HTML 8Page - ATMEL Corporation ATA5746C_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
3
ATA5745C/ATA5746C [DATASHEET]
9249C–RKE–10/14
1.
General Description
The Atmel® ATA5745C/ATA5746C is a UHF ASK/FSK transparent receiver IC with low power consumption supplied in a
small QFN24 package (body 5mm
× 5mm, pitch 0.65mm). Atmel ATA5745C is used in the 433MHz to 435MHz band of
operation, and Atmel ATA5746C in 313MHz to 317MHz. The IC combines the functionality of remote keyless entry (RKE -
typically low bit rate ASK) and tire pressure monitoring (TPM - typically high bit rate FSK) into one receiver under the control
of an external microcontroller such as an Atmel ATmega48 (AVR®).
For improved image rejection and selectivity, the IF frequency is fixed to 440kHz. The IF block uses an 8th-order band pass
yielding a receive bandwidth of 420kHz. This enables the use of the receiver in both SAW- and PLL-based transmitter
systems utilizing various types of data-bit encoding such as pulse width modulation, Manchester modulation, variable pulse
modulation, pulse position modulation, and NRZ. Prevailing encryption protocols such as Keeloq® are easily supported due
to the receiver’s ability to hold the current data slicer threshold for up to 52ms when incoming RF telegrams contain a
blanking interval. This feature eliminates erroneous noise from appearing on the demodulated data output pin, and simplifies
software decoding algorithms. The decoding of the data stream must be carried out by a connected microcontroller device.
Because of the highly integrated design, the only required RF components are for the purpose of receiver antenna matching.
Atmel ATA5745C and Atmel ATA5746C support Manchester bit rates of 1Kbit/s to 10Kbits/s in ASK and 1Kbit/s to 20Kbits/s
in FSK mode. The four discrete bit rate passbands are selectable and cover 1.0Kbit/s to 2.5Kbits/s, 2.0Kbits/s to 5.0Kbits/s,
4.0Kbits/s to 10.0Kbits/s, and 8.0Kbits/s to 10.0Kbits/s or 20.0Kbits/s (for ASK or FSK, respectively). The receiver contains
an RSSI output to provide an indication of received signal strength and a SENSE input to allow the customer to select a
threshold below which the DATA signal is gated off. ASK/FSK and bit rate ranges are selected by the connected
microcontroller device via pins ASK_NFSK, BR0, and BR1.
Figure 1-1. System Block Diagram
(LNA, Mixer,
VCO, PLL,
IF Filter,
RSSI Amp.,
Demodulator)
RF Receiver
ATA5745C/ATA5746C
Antenna
XTO
Microcontroller
Microcontroller
Interface
4 ... 8
Power
Supply
Digital Control
Logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com