전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ATA5746C 데이터시트(PDF) 8 Page - ATMEL Corporation

부품명 ATA5746C
상세설명  UHF ASK/FSK Receiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5746C 데이터시트(HTML) 8 Page - ATMEL Corporation

Back Button ATA5746C_14 Datasheet HTML 4Page - ATMEL Corporation ATA5746C_14 Datasheet HTML 5Page - ATMEL Corporation ATA5746C_14 Datasheet HTML 6Page - ATMEL Corporation ATA5746C_14 Datasheet HTML 7Page - ATMEL Corporation ATA5746C_14 Datasheet HTML 8Page - ATMEL Corporation ATA5746C_14 Datasheet HTML 9Page - ATMEL Corporation ATA5746C_14 Datasheet HTML 10Page - ATMEL Corporation ATA5746C_14 Datasheet HTML 11Page - ATMEL Corporation ATA5746C_14 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
ATA5745C/ATA5746C [DATASHEET]
9249C–RKE–10/14
8
Figure 2-2. Measured Sensitivity (315MHz, ASK, 2.4Kbits/s, Manchester) Versus Frequency Offset
Figure 2-3. Measured Sensitivity (315MHz, ASK, 9.6Kbits/s, Manchester) Versus Frequency Offset
Input Sensitivity (dBm) at BER < 1e-3, ATA5746C, ASK, 2.4Kbits/s (Manchester),
BR = 0
-118
-117
-116
-115
-114
-113
-112
-111
-110
-109
-108
-107
-106
-105
-104
-103
-300
-200
-100
0
100
200
300
delta RF (kHz) at 315MHz
2.7V / -40°C
3.0V / -40°C
3.3V / -40°C
2.7V / 27°C
3.0V / 27°C
3.3V / 27°C
2.7V / 105°C
3.0V / 105°C
3.3V / 105°C
Input Sensitivity (dBm) at BER < 1e-3, ATA5746C, ASK, 9.6Kbits/s (Manchester),
BR = 2
-115
-114
-113
-112
-111
-110
-109
-108
-107
-106
-105
-104
-103
-102
-101
-100
-300
-200
-100
0
100
200
300
delta RF (kHz) at 315MHz
2.7V / -40°C
3.0V / -40°C
3.3V / -40°C
2.7V / 27°C
3.0V / 27°C
3.3V / 27°C
2.7V / 105°C
3.0V / 105°C
3.3V / 105°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com