전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ATXMEGA8E5 데이터시트(PDF) 113 Page - ATMEL Corporation

부품명 ATXMEGA8E5
상세설명  8/16-bit Atmel AVR XMEGA Microcontrollers
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA8E5 데이터시트(HTML) 113 Page - ATMEL Corporation

Back Button ATXMEGA8E5_14 Datasheet HTML 109Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 110Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 111Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 112Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 113Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 114Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 115Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 116Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 117Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 147 page
background image
113
XMEGA E5 [DATASHEET]
Atmel-8153I–AVR-ATxmega8E5-ATxmega16E5-ATxmega32E5_Datasheet–08/2014
Figure 37-39.ADC INL error vs. VCC.
T = 25
°C, V
REF = 1.0V
Figure 37-40.ADC DNL error vs. VREF.
SE Unsigned mode, T=25
°C, V
CC = 3.6V, external reference.
0.60
0.80
1.00
1.20
1.40
1.60
1.80
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
Vcc [V]
Mode
Differential mode
Single-ended signed mode
Single-ended unsigned mode
0.45
0.50
0.55
0.60
0.65
0.70
0.75
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
Vref [V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com