전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ATXMEGA8E5 데이터시트(PDF) 20 Page - ATMEL Corporation

부품명 ATXMEGA8E5
상세설명  8/16-bit Atmel AVR XMEGA Microcontrollers
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA8E5 데이터시트(HTML) 20 Page - ATMEL Corporation

Back Button ATXMEGA8E5_14 Datasheet HTML 16Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 17Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 18Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 19Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 20Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 21Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 22Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 23Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 147 page
background image
20
XMEGA E5 [DATASHEET]
Atmel-8153I–AVR-ATxmega8E5-ATxmega16E5-ATxmega32E5_Datasheet–08/2014
11.
System Clock and Clock options
11.1
Features
Fast start-up time
Safe run-time clock switching
Internal Oscillators:
32MHz run-time calibrated and tuneable oscillator
8MHz calibrated oscillator with 2MHz output option and fast start-up
32.768kHz calibrated oscillator
32kHz Ultra Low Power (ULP) oscillator with 1kHz output
External clock options
0.4 - 16MHz Crystal Oscillator
32kHz crystal oscillator with digital correction
External clock input in selectable pin location
PLL with 20 - 128MHz output frequency
Internal and external clock options and 1 to 31x multiplication
Lock detector
Clock Prescalers with 1x to 2048x division
Fast peripheral clocks running at 2 and 4 times the CPU clock frequency
Automatic Run-Time Calibration of the 32MHz internal oscillator
External oscillator and PLL lock failure detection with optional non maskable interrupt
11.2
Overview
Atmel AVR XMEGA E5 devices have a flexible clock system supporting a large number of clock sources. It incorporates
both accurate internal oscillators and external crystal oscillator and resonator support. A high-frequency phase locked
loop (PLL) and clock prescalers can be used to generate a wide range of clock frequencies. A calibration feature (DFLL)
is available, and can be used for automatic run-time calibration of the 32MHz internal oscillator to remove frequency drift
over voltage and temperature. An oscillator failure monitor can be enabled to issue a nonmaskable interrupt and switch
to the internal oscillator if the external oscillator or PLL fails.
When a reset occurs, all clock sources except the 32kHz ultra low power oscillator are disabled. After reset, the device
will always start up running from the 2MHz output of the 8MHz internal oscillator. During normal operation, the system
clock source and prescalers can be changed from software at any time.
Figure 11-1 presents the principal clock system in the XMEGA E5 family of devices. Not all of the clocks need to be
active at a given time. The clocks for the CPU and peripherals can be stopped using sleep modes and power reduction
registers, as described in “Power Management and Sleep Modes” on page 23.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com