전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ATXMEGA8E5 데이터시트(PDF) 41 Page - ATMEL Corporation

부품명 ATXMEGA8E5
상세설명  8/16-bit Atmel AVR XMEGA Microcontrollers
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA8E5 데이터시트(HTML) 41 Page - ATMEL Corporation

Back Button ATXMEGA8E5_14 Datasheet HTML 37Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 38Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 39Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 40Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 41Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 42Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 43Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 44Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 45Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 147 page
background image
41
XMEGA E5 [DATASHEET]
Atmel-8153I–AVR-ATxmega8E5-ATxmega16E5-ATxmega32E5_Datasheet–08/2014
Figure 21-1. Real-time counter overview.
The RTC also supports correction when operated using external 32.768 kHz crystal oscillator. An externally calibrated
value will be used for correction. The calibration can be done by measuring the default RTC frequency relative to a more
accurate clock input to the device as system clock. The RTC can be calibrated to an accuracy of ±0.5 PPM. The RTC
correction operation will either speed up (by skipping count) or slow down (adding extra cycles) the prescaler to account
for the crystal oscillator error.
32.768 kHz Crystal
Osc
32.768 kHz Int. Osc
TOSC1
TOSC2
External Clock
32 kHz int ULP
(DIV32)
RTCSRC
clkRTC
CNT
PER
COMP
=
=
”match”/
Compare
TOP/
Overflow
CALIB
Correction
Counter
Hold Count
10-bit
prescaler



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com