전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ATXMEGA8E5 데이터시트(PDF) 14 Page - ATMEL Corporation

부품명 ATXMEGA8E5
상세설명  8/16-bit Atmel AVR XMEGA Microcontrollers
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA8E5 데이터시트(HTML) 14 Page - ATMEL Corporation

Back Button ATXMEGA8E5_14 Datasheet HTML 10Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 11Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 12Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 13Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 14Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 15Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 16Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 17Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 147 page
background image
14
XMEGA E5 [DATASHEET]
Atmel-8153I–AVR-ATxmega8E5-ATxmega16E5-ATxmega32E5_Datasheet–08/2014
Figure 8-2.
Data Memory Map (Hexadecimal Value)
8.6
EEPROM
Atmel AVR XMEGA E5 devices have EEPROM for nonvolatile data storage. It is memory mapped and accessed in
normal data space. The EEPROM supports both byte and page access. EEPROM allows highly efficient EEPROM
reading and EEPROM buffer loading. When doing this, EEPROM is accessible using load and store instructions.
EEPROM will always start at hexadecimal address 0x1000.
8.7
I/O Memory
The status and configuration registers for peripherals and modules, including the CPU, are addressable through I/O
memory locations. All I/O locations can be accessed by the load (LD/LDS/LDD) and store (ST/STS/STD) instructions,
which are used to transfer data between the 32 registers in the register file and the I/O memory. The IN and OUT
instructions can address I/O memory locations in the range of 0x00 to 0x3F directly. In the address range 0x00 - 0x1F,
single-cycle instructions for manipulation and checking of individual bits are available.
The I/O memory address for all peripherals and modules in XMEGA E5 is shown in the “Peripheral Module Address Map”
on page 62.
8.7.1
General Purpose I/O Registers
The lowest 4 I/O memory addresses are reserved as general purpose I/O registers. These registers can be used for
storing global variables and flags, as they are directly bit-accessible using the SBI, CBI, SBIS, and SBIC instructions.
8.8
Data Memory and Bus Arbitration
Since the data memory is organized as three separate sets of memories, the different bus masters (CPU, EDMA
controller read and EDMA controller write, etc.) can access different memory sections at the same time.
8.9
Memory Timing
Read and write access to the I/O memory takes one CPU clock cycle. A write to SRAM takes one cycle, and a read from
SRAM takes two cycles. For burst read (EDMA), new data are available every cycle. EEPROM page load (write) takes
one cycle, and three cycles are required for read. For burst read, new data are available every second cycle. Refer to the
instruction summary for more details on instructions and instruction timing.
8.10
Device ID and Revision
Each device has a three-byte device ID. This ID identifies Atmel as the manufacturer of the device and the device type. A
separate register contains the revision number of the device.
Byte Address
ATxmega32E5
Byte Address
ATxmega16E5
Byte Address
ATxmega8E5
0
I/O Registers (4K)
0
I/O Registers (4K)
0
I/O Registers (4K)
FFF
FFF
FFF
1000
EEPROM (1K)
1000
EEPROM (512B)
1000
EEPROM (512B)
13FF
11FF
11FF
RESERVED
RESERVED
RESERVED
2000
Internal SRAM (4K)
2000
Internal SRAM (2K)
2000
Internal SRAM (2K)
2FFF
27FF
27FF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com