전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ATXMEGA8E5 데이터시트(PDF) 37 Page - ATMEL Corporation

부품명 ATXMEGA8E5
상세설명  8/16-bit Atmel AVR XMEGA Microcontrollers
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA8E5 데이터시트(HTML) 37 Page - ATMEL Corporation

Back Button ATXMEGA8E5_14 Datasheet HTML 33Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 34Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 35Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 36Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 37Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 38Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 39Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 40Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 41Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 147 page
background image
37
XMEGA E5 [DATASHEET]
Atmel-8153I–AVR-ATxmega8E5-ATxmega16E5-ATxmega32E5_Datasheet–08/2014
The swap (SWAP) unit can swap the LS and HS pin position. This can be used for fast decay motor control. The pattern
generation unit generates synchronized output waveform with constant logic level. This can be used for easy stepper
motor and full bridge control.
The output override disable unit can disable the waveform output on selectable port pins to optimize the pins usage. This
is to free the pins for other functional use, when the application does not need the waveform output spread across all the
port pins as they can be selected by the OTMX configurations.
The waveform extension is available for TCC4 and TCC5. The notation of this is WEXC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More