전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

80960HA 데이터시트(PDF) 21 Page - Intel Corporation

부품명 80960HA
상세설명  80960HA/HD/HT 32-Bit High-Performance Superscalar Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEL [Intel Corporation]
홈페이지  http://www.intel.com
Logo INTEL - Intel Corporation

80960HA 데이터시트(HTML) 21 Page - Intel Corporation

Back Button 80960HA Datasheet HTML 17Page - Intel Corporation 80960HA Datasheet HTML 18Page - Intel Corporation 80960HA Datasheet HTML 19Page - Intel Corporation 80960HA Datasheet HTML 20Page - Intel Corporation 80960HA Datasheet HTML 21Page - Intel Corporation 80960HA Datasheet HTML 22Page - Intel Corporation 80960HA Datasheet HTML 23Page - Intel Corporation 80960HA Datasheet HTML 24Page - Intel Corporation 80960HA Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 102 page
background image
80960HA/HD/HT
Advance Information Datasheet
15
VCC
J16
VCCPLL
B10
VSS
H3
VSS
Q10
VCC
K2
VOLDET
A5
VSS
H15
VSS
Q11
VCC
K16
VSS
A1
VSS
J3
W/R
S10
VCC
M2
VSS
C4
VSS
J15
WAIT
S12
VCC
M16
VSS
C7
VSS
K3
XINT0
B15
VCC
N3
VSS
C8
VSS
K15
XINT1
A15
VCC
N15
VSS
C9
VSS
L3
XINT2
A17
VCC
Q6
VSS
C10
VSS
L15
XINT3
B16
VCC
R7
VSS
C11
VSS
M3
XINT4
C15
VCC
R8
VSS
C12
VSS
M15
XINT5
B17
VCC
R10
VSS
F15
VSS
Q7
XINT6
C16
VCC
R11
VSS
G3
VSS
Q8
XINT7
C17
VCC5
C5
VSS
G15
VSS
Q9
——
Table 8.
80960Hx 168-Pin PGA Pinout — Signal Name Order (Sheet 2 of 2)
Signal Name
PGA
Pin
Signal Name
PGA
Pin
Signal Name
PGA
Pin
Signal Name
PGA
Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More