| 전자부품 데이터시트 검색엔진 |
|
80960HA 데이터시트(PDF) 46 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
80960HA 데이터시트(HTML) 46 Page - Intel Corporation |
|
46 / 102 page ![]() 80960HA/HD/HT 40 Advance Information Datasheet Figure 15. Hold Acknowledge Timings Figure 16. Bus Backoff (BOFF) Timings CLKIN 1.5 V 1.5 V 1.5 V HOLD TIS TIH 1.5 V TIH TIS HOLDA TOV1 Min Min Min Min TOV1 Max Min Max Min TOH1 TOH1 TOV TOH — OUTPUT DELAY - The maximum output delay is referred to as the Output Valid Delay (TOV). The minimum output delay is referred to as the Output Hold (TOH). TIS TIH — INPUT SETUP AND HOLD - The input setup and hold requirements specify the sampling window during which synchronous inputs must be stable for correct processor operation. 1.5 V 1.5 V 1.5 V 1.5 V 1.5 V CLKIN 1.5 V 1.5 V 1.5 V BOFF TIS TIH TIH TIS 1.5 V 1.5 V 1.5 V |