전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

80960HA 데이터시트(PDF) 22 Page - Intel Corporation

부품명 80960HA
상세설명  80960HA/HD/HT 32-Bit High-Performance Superscalar Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEL [Intel Corporation]
홈페이지  http://www.intel.com
Logo INTEL - Intel Corporation

80960HA 데이터시트(HTML) 22 Page - Intel Corporation

Back Button 80960HA Datasheet HTML 18Page - Intel Corporation 80960HA Datasheet HTML 19Page - Intel Corporation 80960HA Datasheet HTML 20Page - Intel Corporation 80960HA Datasheet HTML 21Page - Intel Corporation 80960HA Datasheet HTML 22Page - Intel Corporation 80960HA Datasheet HTML 23Page - Intel Corporation 80960HA Datasheet HTML 24Page - Intel Corporation 80960HA Datasheet HTML 25Page - Intel Corporation 80960HA Datasheet HTML 26Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 102 page
background image
80960HA/HD/HT
16
Advance Information Datasheet
Table 9.
80960Hx 168-Pin PGA Pinout — Pin Number Order (Sheet 1 of 2)
PGA
Pin
Signal Name
PGA
Pin
Signal Name
PGA
Pin
Signal Name
PGA
Pin
Signal Name
A1
VSS
B14
NC
E15
VCC
K15
VSS
A2
FAIL
B15
XINT0
E16
A4
K16
VCC
A3
DP0
B16
XINT3
E17
A5
K17
A11
A4
DP2
B17
XINT5
F1
D8
L1
D15
A5
VOLDET
C1
D3
F2
D6
L2
D14
A6
TRST
C2
D1
F3
VCC
L3
VSS
A7
TDI
C3
ONCE
F15
VSS
L15
VSS
A8
TDO
C4
VSS
F16
VCC
L16
A13
A9
NC
C5
VCC5
F17
A6
L17
A12
A10
NC
C6
VCC
G1
D9
M1
D16
A11
CT0
C7
VSS
G2
VCC
M2
VCC
A12
CT1
C8
VSS
G3
VSS
M3
VSS
A13
CT2
C9
VSS
G15
VSS
M15
VSS
A14
CT3
C10
VSS
G16
A7
M16
VCC
A15
XINT1
C11
VSS
G17
A8
M17
A14
A16
RESET
C12
VSS
H1
D11
N1
D17
A17
XINT2
C13
CLKIN
H2
D10
N2
D18
B1
BOFF
C14
VCC
H3
VSS
N3
VCC
B2
STEST
C15
XINT4
H15
VSS
N15
VCC
B3
DP1
C16
XINT6
H16
VCC
N16
A16
B4
DP3
C17
XINT7
H17
A9
N17
A15
B5
TCK
D1
D5
J1
D12
P1
D19
B6
TMS
D2
D2
J2
VCC
P2
D20
B7
VCC
D3
NC
J3
VSS
P3
D22
B8
PCHK
D15
NMI
J15
VSS
P15
A20
B9
VCC
D16
A2
J16
VCC
P16
A19
B10
VCCPLL
D17
A3
J17
A10
P17
A17
B11
VCC
E1
D7
K1
D13
Q1
D21
B12
VCC
E2
D4
K2
VCC
Q2
D23
B13
NC
E3
D0
K3
VSS
Q3
D26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More