전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

N80C196KB 데이터시트(PDF) 11 Page - Intel Corporation

부품명 N80C196KB
상세설명  COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEL [Intel Corporation]
홈페이지  http://www.intel.com
Logo INTEL - Intel Corporation

N80C196KB 데이터시트(HTML) 11 Page - Intel Corporation

Back Button N80C196KB Datasheet HTML 7Page - Intel Corporation N80C196KB Datasheet HTML 8Page - Intel Corporation N80C196KB Datasheet HTML 9Page - Intel Corporation N80C196KB Datasheet HTML 10Page - Intel Corporation N80C196KB Datasheet HTML 11Page - Intel Corporation N80C196KB Datasheet HTML 12Page - Intel Corporation N80C196KB Datasheet HTML 13Page - Intel Corporation N80C196KB Datasheet HTML 14Page - Intel Corporation N80C196KB Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
8XC196KB8XC196KB16
AC CHARACTERISTICS (Continued)
Test Conditions Capacitive load on all pins e 100 pF Rise and fall times e 10 ns FOSC e 1216 MHz
The 87C196KB will meet these specifications
Symbol
Description
Min
Max
Units
Notes
FXTAL
Frequency on XTAL1 12 MHz
35
120
MHz
(Note 2)
FXTAL
Frequency on XTAL1 16 MHz
35
160
MHz
(Note 2)
TOSC
1FXTAL 12 MHz
833
286
ns
TOSC
1FXTAL 16 MHz
625
286
ns
TXHCH
XTAL1 High to CLKOUT High or Low
a
20
a
110
ns
TCLCL
CLKOUT Cycle Time
2 TOSC
ns
TCHCL
CLKOUT High Period
TOSC b 10
TOSCa10
ns
TCLLH
CLKOUT Falling Edge to ALE Rising
b
10
a
10
ns
TLLCH
ALE Falling Edge to CLKOUT Rising
b
15
a
15
ns
TLHLH
ALE Cycle Time
4 TOSC
ns
(Note 3)
TLHLL
ALE High Period
TOSC b 10
TOSCa10
ns
TAVLL
Address Setup to ALE Falling Edge
TOSC b 20
ns
TLLAX
Address Hold after ALE Falling Edge
TOSC b 40
ns
TLLRL
ALE Falling Edge to RD Falling Edge
TOSC b 35
ns
TRLCL
RD Low to CLKOUT Falling Edge
a
4
a
25
ns
TRLRH
RD Low Period
TOSCb5TOSC a 25
ns
(Note 3)
TRHLH
RD Rising Edge to ALE Rising Edge
TOSC
TOSC a 25
ns
(Note 1)
TRLAZ
RD Low to Address Float
a
5ns
TLLWL
ALE Falling Edge to WR Falling Edge
TOSC b 10
ns
TCLWL
CLKOUT Low to WR Falling Edge
0
a
25
ns
TQVWH
Data Stable to WR Rising Edge
TOSC b 23
ns
(Note 3)
TCHWH
CLKOUT High to WR Rising Edge
b
5
a
15
ns
TWLWH
WR Low Period
TOSC b 15
TOSC a 5
ns
(Note 3)
TWHQX
Data Hold after WR Rising Edge
TOSC b 15
ns
TWHLH
WR Rising Edge to ALE Rising Edge
TOSC b 15
TOSC a 10
ns
(Note 1)
TWHBX
BHE INST HOLD after WR Rising Edge
TOSC b 15
ns
TRHBX
BHE INST HOLD after RD Rising Edge
TOSC b 10
ns
TWHAX
AD8 – 15 hold after WR Rising Edge
TOSC b 30
ns
TRHAX
AD8 – 15 hold after RD Rising Edge
TOSC b 25
ns
NOTES
1 Assuming back-to-back bus cycles
2 Testing performed at 35 MHz however the device is static by design and will typically operate below 1 Hz
3 When using wait states all 2 TOSCa n where n e number of wait states
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com