전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

N80C196KB 데이터시트(PDF) 19 Page - Intel Corporation

부품명 N80C196KB
상세설명  COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEL [Intel Corporation]
홈페이지  http://www.intel.com
Logo INTEL - Intel Corporation

N80C196KB 데이터시트(HTML) 19 Page - Intel Corporation

Back Button N80C196KB Datasheet HTML 14Page - Intel Corporation N80C196KB Datasheet HTML 15Page - Intel Corporation N80C196KB Datasheet HTML 16Page - Intel Corporation N80C196KB Datasheet HTML 17Page - Intel Corporation N80C196KB Datasheet HTML 18Page - Intel Corporation N80C196KB Datasheet HTML 19Page - Intel Corporation N80C196KB Datasheet HTML 20Page - Intel Corporation N80C196KB Datasheet HTML 21Page - Intel Corporation N80C196KB Datasheet HTML 22Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
8XC196KB8XC196KB16
DC OTPROM PROGRAMMING CHARACTERISTICS
Symbol
Description
Min
Max
Units
IPP
VPP Supply Current (When Programming)
100
mA
NOTE
Do not apply VPP until VCC is stable and within specifications and the oscillatorclock has stabilized or the device may be
damaged
OTPROM PROGRAMMING WAVEFORMS
SLAVE PROGRAMMING MODE DATA PROGRAM MODE WITH SINGLE PROGRAM PULSE
270909 – 15
SLAVE PROGRAMMING MODE IN WORD DUMP OR DATA VERIFY MODE WITH AUTO INCREMENT
270909 – 16
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22