전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

N80C196KB 데이터시트(PDF) 14 Page - Intel Corporation

부품명 N80C196KB
상세설명  COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEL [Intel Corporation]
홈페이지  http://www.intel.com
Logo INTEL - Intel Corporation

N80C196KB 데이터시트(HTML) 14 Page - Intel Corporation

Back Button N80C196KB Datasheet HTML 10Page - Intel Corporation N80C196KB Datasheet HTML 11Page - Intel Corporation N80C196KB Datasheet HTML 12Page - Intel Corporation N80C196KB Datasheet HTML 13Page - Intel Corporation N80C196KB Datasheet HTML 14Page - Intel Corporation N80C196KB Datasheet HTML 15Page - Intel Corporation N80C196KB Datasheet HTML 16Page - Intel Corporation N80C196KB Datasheet HTML 17Page - Intel Corporation N80C196KB Datasheet HTML 18Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
8XC196KB8XC196KB16
HOLD HLDA Timings
Symbol
Description
Min
Max
Units
Notes
THVCH
HOLD Setup
55
ns
(Note 1)
TCLHAL
CLKOUT Low to HLDA Low
15
ns
TCLBRL
CLKOUT Low to BREQ Low
15
ns
THALAZ
HLDA Low to Address Float
10
ns
THALBZ
HLDA Low to BHE INST RD WR Float
10
ns
TCLHAH
CLKOUT Low to HLDA High
b
15
15
ns
TCLBRH
CLKOUT Low to BREQ High
b
15
15
ns
THAHAX
HLDA High to Address No Longer Float
b
15
ns
THAHAV
HLDA High to Address Valid
0
ns
THAHBX
HLDA High to BHE INST RD WR No Longer Float
b
20
ns
THAHBV
HLDA High to BHE INST RD WR Valid
0
ns
TCLLH
CLKOUT Low to ALE High
b
515
ns
NOTE
1 To guarantee recognition at next clock
Maximum Hold Latency
Bus Cycle Type
Latency
Internal Access
15 States
16-Bit External Execution
25 States
8-Bit External
45 States
270909 – 9
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com