| 전자부품 데이터시트 검색엔진 |
|
N80C196KB 데이터시트(PDF) 6 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
N80C196KB 데이터시트(HTML) 6 Page - Intel Corporation |
|
6 / 22 page ![]() 8XC196KB8XC196KB16 PIN DESCRIPTIONS Symbol Name and Function VCC Main supply voltage (5V) VSS Digital circuit ground (0V) There are multiple VSS pins all of them must be connected VREF Reference voltage for the AD converter (5V) VREF is also the supply voltage to the analog portion of the AD converter and the logic used to read Port 0 Must be connected for AD and Port 0 to function ANGND Reference ground for the AD converter Must be held at nominally the same potential as VSS Connect VSS and ANGND at chip to avoid noise problems VPP Programming voltage Also timing pin for the return from power down circuit XTAL1 Input of the oscillator inverter and of the internal clock generator XTAL2 Output of the oscillator inverter CLKOUT Output of the internal clock generator The frequency of CLKOUT is the oscillator frequency It has a 50% duty cycle RESET Reset input to and open-drain output from the chip Input low for at least 4 state times to reset the chip The subsequent low-to-high transition re-synchronizes CLKOUT and commences a 10-state-time RESET sequence BUSWIDTH Input for buswidth selection If CCR bit 1 is a one this pin selects the bus width for the bus cycle in progress If BUSWIDTH is a 1 a 16-bit bus cycle occurs If BUSWIDTH isa0an 8-bit cycle occurs If CCR bit 1 is a 0 the bus is always an 8-bit bus NMI A positive transition causes a vector through 203EH INST Output high during an external memory read indicates the read is an instruction fetch and output low indicates a data fetch INST is valid throughout the bus cycle INST is activated only during external memory accesses EA Input for memory select (External Access) EA equal to a TTL-high causes memory accesses to locations 2000H through 3FFFH to be directed to on-chip ROMOTPROM EA equal to a TTL-low causes accesses to these locations to be directed to off-chip memory ALEADV Address Latch Enable or Address Valid output as selected by CCR Both pin options provide a latch to demultiplex the address from the addressdata bus When the pin is ADV it goes inactive high at the end of the bus cycle ALEADV is activated only during external memory accesses RD Read signal output to external memory RD is activated only during external memory reads WR WRL Write and Write Low output to external memory as selected by the CCR WR will go low for every external write while WRL will go low only for external writes where an even byte is being written WR WRL is activated only during external memory writes BHE WRH Bus High Enable or Write High output to external memory as selected by the CCR BHE will go low for external writes to the high byte of the data bus WRH will go low for external writes where an odd byte is being addressed BHE WRH is activated only during external memory writes READY Ready input to lengthen external memory cycles If the pin is low prior to the falling edge of CLKOUT the memory controller goes into a wait mode until the next positive transition in CLKOUT occurs with READY high When the external memory is not being used READY has no effect Internal control of the number of wait states inserted into a bus cycle (held not ready) is available in the CCR HSI Inputs to High Speed Input Unit Four HSI pins are available HSI0 HSI1 HSI2 and HSI3 Two of them (HSI2 and HSI3) are shared with the HSO Unit HSO Outputs from High Speed Output Unit Six HSO pins are available HSO0 HSO1 HSO2 HSO3 HSO4 and HSO5 Two of them (HSO4 and HSO5) are shared with the HSI Unit 6 |