전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4035 데이터시트(PDF) 19 Page - STMicroelectronics

부품명 AN4035
상세설명  Flash programming through
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4035 데이터시트(HTML) 19 Page - STMicroelectronics

Back Button AN4035 Datasheet HTML 15Page - STMicroelectronics AN4035 Datasheet HTML 16Page - STMicroelectronics AN4035 Datasheet HTML 17Page - STMicroelectronics AN4035 Datasheet HTML 18Page - STMicroelectronics AN4035 Datasheet HTML 19Page - STMicroelectronics AN4035 Datasheet HTML 20Page - STMicroelectronics AN4035 Datasheet HTML 21Page - STMicroelectronics AN4035 Datasheet HTML 22Page - STMicroelectronics AN4035 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
AN4035
On-Chip Emulation (OnCE)
Doc ID 022669 Rev 2
19/41
Figure 11.
Signal transitions for writing OCMD to select a read from DBCR0
Figure 12 shows reading the value 0x80000000 from DBCR0 through the DR path
assuming the TAP controller state machine is initially in the RUN-TEST/IDLE state. The
state machine is returned to the RUN-TEST/IDLE state when the read is complete.
Figure 12.
Signal transitions for reading DBCR0
3.4
OnCE status register
The OnCE status register (OSR) is a special register in terms of how it is read. Status
information related to the state of the CPU is latched into the OnCE status register when the
OnCE TAP controller state machine enters the CAPTURE-IR state. The status information is
shifted out serially through the SHIFT-IR state on TDO. The OSR is a 10-bit register like the
OCMD. Therefore, the status information can be read while writing OCMD. The OSR is
shown in Figure 13.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42