전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RM0020 데이터시트(PDF) 55 Page - STMicroelectronics

부품명 RM0020
상세설명  SPC56xx DSP function library 2
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0020 데이터시트(HTML) 55 Page - STMicroelectronics

Back Button RM0020 Datasheet HTML 51Page - STMicroelectronics RM0020 Datasheet HTML 52Page - STMicroelectronics RM0020 Datasheet HTML 53Page - STMicroelectronics RM0020 Datasheet HTML 54Page - STMicroelectronics RM0020 Datasheet HTML 55Page - STMicroelectronics RM0020 Datasheet HTML 56Page - STMicroelectronics RM0020 Datasheet HTML 57Page - STMicroelectronics RM0020 Datasheet HTML 58Page - STMicroelectronics RM0020 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 69 page
background image
RM0020
Function API
55/69
Example 29. iir_frac16_casc
#include "libdsp2.h"
/* #pragma and ALIGN macros used to align to 4 bytes */
#ifdef __ghs__
#pragma alignvar (4)
#endif
ALIGN_DCC(4)
short x[256/*+2*/] ALIGN_MWERKS(4); /* +2 to ensure there are 4
bytes of readable memory behind x */
#ifdef __ghs__
#pragma alignvar (4)
#endif
ALIGN_DCC(4)
short y[256/*+2*/] ALIGN_MWERKS(4); /* +2 to ensure there are 4
bytes of readable memory behind y */
#ifdef __ghs__
#pragma alignvar (4)
#endif
ALIGN_DCC(4)
short s[3*4] ALIGN_MWERKS(4) = {0,0,0,0,0,0,0,0,0,0,0,0};
short c[3*5]
= {10763,21616,10854,2095,600,
8296,16593,8297,2413,5654,
14027,27934,13908,3270,19315,};
unsigned short N;
void main(void)
{
/* filter the samples in x with sixth-order IIR filter, */
/* write result into y */
N = 256;
iir_frac16_casc(N, x, y, c, s, 3);
}
6.30
iir_frac16_2nd_hc - frac16 second-order IIR filter with half
coefficients
Function call:
void iir_frac16_2nd_hc(unsigned short N, short *x, short *y, short
*c,
short *s);
Arguments:
dkkdkdkd
Returns:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69